Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT29823 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74BCT29823
Description  9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29823 Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT29823_11 Datasheet HTML 1Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 2Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 3Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 4Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 5Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 6Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 7Page - Texas Instruments SN74BCT29823_11 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74BCT29823
9BIT BUSINTERFACE FLIPFLOP
WITH 3STATE OUTPUTS
SCBS018D − NOVEMBER 1988 − REVISED NOVEMBER 1993
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
125
0
125
MHz
tw
Pulse duration
CLR low
6
6
ns
tw
Pulse duration
CLK high or low
7
7
ns
CLR inactive
2
2
tsu
Setup time before CLK
Data high or low
7
7
ns
tsu
Setup time before CLK
CLKEN high
6
6
ns
CLKEN low
8
8
th
Hold time after CLK
Data high or low
1
1
ns
th
Hold time after CLK
CLKEN high or low
0
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
125
125
MHz
tPLH
CLK
Q
1.5
7.5
10
1.5
12
ns
tPHL
CLK
Q
1.5
6.5
9
1.5
10
ns
tPHL
CLR
Q
1.5
7.5
10
1.5
12
ns
tPZH
OE
Q
2
7.5
10
2
12
ns
tPZL
OE
Q
2
9
12
2
13
ns
tPHZ
OE
Q
2
5
7
2
8
ns
tPLZ
OE
Q
2
5
7
2
8
ns
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT29823_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29823DW TI-SN74BCT29823DW Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823NT TI-SN74BCT29823NT Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT29823_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A_08 Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI-SN74ALVCH16823 Datasheet
137Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com