Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN-183 Datasheet(PDF) 1 Page - Exar Corporation

Part # DAN-183
Description  MIGRATING FROM THE XR17D15X TO THE XR17V25X
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-183 Datasheet(HTML) 1 Page - Exar Corporation

  DAN-183 Datasheet HTML 1Page - Exar Corporation DAN-183 Datasheet HTML 2Page - Exar Corporation DAN-183 Datasheet HTML 3Page - Exar Corporation DAN-183 Datasheet HTML 4Page - Exar Corporation DAN-183 Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EXAR Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com • uarttechsupport@exar.com
xr
DATA COMMUNICATIONS APPLICATION NOTE
DAN183
September 2005
MIGRATING FROM THE XR17D15X TO THE XR17V25X
Author: PY
1.0
INTRODUCTION
This application note describes the changes necessary and what to consider when migrating from the
XR17D15x to the XR17V25x.
2.0
HARDWARE DIFFERENCES
Because the XR17D15x is PCI 2.2 compliant and the XR17V25x is PCI 3.0 compliant, there are some hard-
ware changes to consider when migrating from the XR17D15x to the XR17V25x. In addition, there are some
hardware differences because the XR17V25x has some new and enhanced features. Sections 2.1-2.4 below
lists the hardware differences between the XR17D15x and the XR17V25x.
2.1
VCC/VIO
The VCC and VIO signals were separate on the XR17D15x because the core voltage (VCC) could be operat-
ing at a different voltage than the I/O voltage (VIO). For an add-in card example, VCC could be at 5V while
VIO could be either 3.3V or 5V depending on whether it was plugged into a 3.3V slot or a 5V slot. There are no
separate VIO and VCC signals for the XR17V25x because it is a 3.3V only PCI UART. The XR17V25x is 3.3V
only because there are no 5V specifications in PCI 3.0.
2.2
PCI CLOCK
The XR17D15x can operate with a PCI clock of up to 33 MHz while the XR17V25x can operate with a PCI
clock of up to 66 MHz. To operate at 66 MHz, the M66EN signal on the PCI bus should be connected to VCC.
2.3
BAUD RATE (OR DATA RATE)
The XR17V25x operates at a faster data rate than the XR17D15x. With an 8X sampling rate, the XR17V25x
can operate up to more than 8Mbps while the XR17D15x could only operate up to 6.25Mbps.
TABLE 1: VOLTAGE REQUIREMENTS
DEVICE FAMILY
CORE VOLTAGE
I/O VOLTAGE
XR17D15x
3.3V or 5V
3.3V or 5V
XR17V25x
3.3V Only
3.3V Only
TABLE 2: MAXIMUM PCI CLOCK FREQUENCY
DEVICE FAMILY
MAX PCI CLOCK FREQUENCY
XR17D15x
33 MHz
XR17V25x
66 MHz
TABLE 3: MAXIMUM BAUD RATE (DATA RATE)
DEVICE FAMILY
MAX EXTERNAL CLOCK FREQUENCY
MAX BAUD RATE
XR17D15x
50 MHz
6.25 Mbps
XR17V25x
66 MHz
8.25 Mbps


Similar Part No. - DAN-183

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-180 EXAR-DAN-180 Datasheet
99Kb / 11P
   USE OF EXAR?셎 ST16C2550
DAN-189 EXAR-DAN-189 Datasheet
144Kb / 4P
   EXAR UARTS IN GPS APPLICATIONS
More results

Similar Description - DAN-183

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-164 EXAR-DAN-164 Datasheet
137Kb / 3P
   MIGRATING FROM THE ST16C2550 TO THE XR16L2750
logo
Freescale Semiconductor...
AN1746 FREESCALE-AN1746 Datasheet
384Kb / 16P
   Migrating from the MC68HC705K1 to the MC68HC705KJ1
logo
Motorola, Inc
EB381 MOTOROLA-EB381 Datasheet
291Kb / 16P
   Migrating from the MC68HC811E2 to the MC68HC11F1
logo
Exar Corporation
DAN-160 EXAR-DAN-160 Datasheet
25Kb / 2P
   MIGRATING FROM THE XR16C2850 TO THE XR16L2750
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
   MIGRATING FROM THE XR16C2850 TO THE XR16L2751
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
logo
Exar Corporation
DAN-162 EXAR-DAN-162 Datasheet
21Kb / 2P
   MIGRATING FROM THE XR16C2852 TO THE XR16L2752
logo
STMicroelectronics
TN0280 STMICROELECTRONICS-TN0280 Datasheet
80Kb / 12P
   Migrating from the LRI2K to the LRI1K RFID IC
AN2523 STMICROELECTRONICS-AN2523 Datasheet
216Kb / 23P
   Migrating from STR91xF to STR91xFA
AN4228 STMICROELECTRONICS-AN4228 Datasheet
841Kb / 90P
   Migrating from STM32F1 to STM32F3 microcontrollers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com