Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP510E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP510E
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP510E Datasheet HTML 4Page - Exar Corporation SP510E Datasheet HTML 5Page - Exar Corporation SP510E Datasheet HTML 6Page - Exar Corporation SP510E Datasheet HTML 7Page - Exar Corporation SP510E Datasheet HTML 8Page - Exar Corporation SP510E Datasheet HTML 9Page - Exar Corporation SP510E Datasheet HTML 10Page - Exar Corporation SP510E Datasheet HTML 11Page - Exar Corporation SP510E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SP510E
8
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
REV. 1.0.1
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH SPEED V.11 / RS-422 (DRIVERS 1, 2 & 3)
Maximum Bit Rate
52
Mbps
Driver Rise and Fall Time
tDR, tDF
10-90%
Figure 22 and Figure 36
6ns
Driver Propagation Delay Time
tDPHL, tDPLH
CL = 50 pF
Figure 33 and Figure 36
20
50
ns
Driver Skew
t
DPHL - tDPLHCL = 50 pF
Figure 33 and Figure 36
3.8
ns
Driver Channel to Channel Skew
2
ns
Driver Output Enable Time
Tri-state to Output Low
tDZL
CL = 100 pF, S1 closed
Figure 34 and Figure 37
100
ns
Driver Output Enable Time
Tri-state to Output High
tDZH
CL = 100 pF, S2 closed
Figure 34 and Figure 37
100
ns
Driver Output Disable Time
Output Low to Tri-state
tDLZ
CL = 15 pF, S1 closed
Figure 34 and Figure 37
100
ns
Driver Output Disable Time
Output High to Tri-state
tDHZ
CL = 15 pF, S2 closed
Figure 34 and Figure 37
100
ns
HIGH SPEED V.11 / RS-422 (RECEIVERS 1, 2 & 3)
Receiver Output Rise / Fall Time
tR, tF
CL = 50 pF
6ns
Receiver Propagation Delay
tPHL, tPLH
CL = 50 pF
Figure 33 and Figure 38
20
50
ns
Receiver Skew
t
PHL - tPLHCL = 50 pF
Figure 33 and Figure 38
3.8
ns
Receiver Channel to Channel Skew
2
ns
Receiver Output Enable Time
Tri-state to Output Low
tZL
CL = 100 pF, S1 closed
Figure 35 and Figure 39
100
ns
Receiver Output Enable Time
Tri-state to Output High
tZH
CL = 100 pF, S2 closed
Figure 35 and Figure 39
100
ns
Receiver Output Disable Time
Output Low to Tri-state
tLZ
CL = 15 pF, S1 closed
Figure 35 and Figure 39
100
ns
Receiver Output Disable Time
Output High to Tri-state
tHZ
CL = 15 pF, S2 closed
Figure 35 and Figure 39
100
ns
TIMING CHARACTERISTICS
VCC = +4.75 to 5.25V, C1-C4 = 1µF; TAMB = TMIN to TMAX, unless noted. Typical values are at TAMB = +25°C.


Similar Part No. - SP510E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP510EM EXAR-SP510EM Datasheet
1Mb / 37P
   ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
More results

Similar Description - SP510E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP510 EXAR-SP510 Datasheet
1Mb / 37P
   ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
logo
Sipex Corporation
SP503 SIPEX-SP503 Datasheet
641Kb / 29P
   Multiprotocol Transceiver
logo
Exar Corporation
SP503 EXAR-SP503 Datasheet
947Kb / 28P
   Multiprotocol Transceiver
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com