Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C166 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C166
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C166 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C166 Datasheet HTML 1Page - Cypress Semiconductor CY7C166 Datasheet HTML 2Page - Cypress Semiconductor CY7C166 Datasheet HTML 3Page - Cypress Semiconductor CY7C166 Datasheet HTML 4Page - Cypress Semiconductor CY7C166 Datasheet HTML 5Page - Cypress Semiconductor CY7C166 Datasheet HTML 6Page - Cypress Semiconductor CY7C166 Datasheet HTML 7Page - Cypress Semiconductor CY7C166 Datasheet HTML 8Page - Cypress Semiconductor CY7C166 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. **
Page 6 of 9
Typical DC and AC Characteristics
1.2
1.4
1.0
0.6
0.4
0.2
4.0
4.5
5.0
5.5
6.0
–55
25
125
1.2
1.0
0.8
120
100
80
60
40
20
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.0
0.8
0.6
0.4
0.2
0.0
ISB
VCC= 5.0V
VIN = 5.0V
I CC
I CC
VCC= 5.0V
TA = 25°C
I SB
0
1.6
1.4
1.2
1.0
0.8
–55
25
125
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
1.4
1.3
1.2
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VCC =5.0V
VCC = 5.0V
TA =25°C
TA = 25°C
0.6
0.8
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.50
VCC = 4.5V
TA = 25°C
VCC = 5.0V
TA = 25°C
VIN = 0.5V


Similar Part No. - CY7C166

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-25VC CYPRESS-CY7C166-25VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1663KV18-550BZXC CYPRESS-CY7C1663KV18-550BZXC Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C166

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com