Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4924 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM4924
Description  Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4924 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4924 Datasheet HTML 7Page - Texas Instruments LM4924 Datasheet HTML 8Page - Texas Instruments LM4924 Datasheet HTML 9Page - Texas Instruments LM4924 Datasheet HTML 10Page - Texas Instruments LM4924 Datasheet HTML 11Page - Texas Instruments LM4924 Datasheet HTML 12Page - Texas Instruments LM4924 Datasheet HTML 13Page - Texas Instruments LM4924 Datasheet HTML 14Page - Texas Instruments LM4924 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM4924
www.ti.com
SNAS272B – OCTOBER 2004 – REVISED APRIL 2013
SELECTION OF INPUT CAPACITOR SIZE
Amplifiying the lowest audio frequencies requires a high value input coupling capacitor, Ci. A high value capacitor
can be expensive and may compromise space efficiency in portable designs. In many cases, however, the
headphones used in portable systems have little ability to reproduce signals below 60Hz. Applications using
headphones with this limited frequency response reap little improvement by using a high value input capacitor.
In addition to system cost and size, turn-on time is affected by the size of the input coupling capacitor Ci. A larger
input coupling capacitor requires more charge to reach its quiescent DC voltage. This charge comes from the
output via the feedback Thus, by minimizing the capacitor size based on necessary low frequency response,
turn-on time can be minimized. A small value of Ci (in the range of 0.1µF to 0.39µF), is recommended.
USING EXTERNAL POWERED SPEAKERS
The LM4924 is designed specifically for headphone operation. Often the headphone output of a device will be
used to drive external powered speakers. The LM4924 has a differential output to eliminate the output coupling
capacitors. The result is a headphone jack sleeve that is connected to VO3 instead of GND. For powered
speakers that are designed to have single-ended signals at the input, the click and pop circuitry will not be able
to eliminate the turn-on/turn-off click and pop. Unless the inputs to the powered speakers are fully differential the
turn-on/turn-off click and pop will be very large.
AUDIO POWER AMPLIFIER DESIGN
A 30mW/32
Ω Audio Amplifier
Given:
Power Output
30mWrms
Load Impedance
32
Input Level
1Vrms
Input Impedance
20k
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating
from the Output Power vs Supply Voltage graphs in the Typical Performance Characteristics section, the supply
rail can be easily found.
Since 3.3V is a standard supply voltage in most applications, it is chosen for the supply rail in this example. Extra
supply voltage creates headroom that allows the LM4924 to reproduce peaks in excess of 30mW without
producing audible distortion. At this time, the designer must make sure that the power supply choice along with
the output impedance does no violate the conditions explained in the POWER DISSIPATION section.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation 3.
(3)
From Equation 3, the minimum AV is 0.98; use AV = 1. Since the desired input impedance is 20kΩ, and with AV
equal to 1, a ratio of 1:1 results from Equation 1 for Rf to Ri. The values are chosen with Ri = 20kΩ and Rf =
20k
Ω.
The last step in this design example is setting the amplifier's
−3dB frequency bandwidth. To achieve the desired
±0.25dB pass band magnitude variation limit, the low frequency response must extend to at least one-fifth the
lower bandwidth limit and the high frequency response must extend to at least five times the upper bandwidth
limit. The gain variation for both response limits is 0.17dB, well within the ±0.25dB desired limit. The results are
an
fL = 100Hz/5 = 20Hz
(4)
and an
fH = 20kHz x 5 = 100kHz
(5)
As mentioned in the SELECTING EXTERNAL COMPONENTS section, Ri and Ci create a highpass filter that
sets the amplifier's lower bandpass frequency limit. Find the coupling capacitor's value using Equation 4.
Ci ≥ 1/(2πR ifL)
(6)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4924


Similar Part No. - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924MM NSC-LM4924MM Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924SD NSC-LM4924SD Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
More results

Similar Description - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
   Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com