Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128AHY Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6128AHY
Description  Synchronous Step Down PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128AHY Datasheet(HTML) 4 Page - Exar Corporation

  SP6128AHY Datasheet HTML 1Page - Exar Corporation SP6128AHY Datasheet HTML 2Page - Exar Corporation SP6128AHY Datasheet HTML 3Page - Exar Corporation SP6128AHY Datasheet HTML 4Page - Exar Corporation SP6128AHY Datasheet HTML 5Page - Exar Corporation SP6128AHY Datasheet HTML 6Page - Exar Corporation SP6128AHY Datasheet HTML 7Page - Exar Corporation SP6128AHY Datasheet HTML 8Page - Exar Corporation SP6128AHY Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
General Overview
The SP6128A is a constant frequency, voltage
mode, synchronous PWM controller designed
for low voltage, DC/DC step down converters.
It is intended to provide complete control for a
high power, high efficiency, precisely regulated
output voltage from a highly integrated 14-pin
solution.
The internal free-running oscillator accurately
sets the PWM frequency at 300kHz without
requiring any external elements and allows the
use of physically small, low value external com-
ponents without compromising performance. A
transconductance amplifier is used for the error
amplifier, which compares an attenuated sample
of the output voltage with a precision, 0.8V
reference voltage. The output of the error ampli-
fier (COMP), is compared to a 0.75V peak-to-
peak ramp waveform to provide PWM control.
The COMP pin provides access to the output of
the error amplifier and allows the use of external
components to stabilize the voltage loop.
High efficiency is obtained through the use of
synchronous rectification. Synchronous regula-
tors replace the catch diode in the standard buck
converter with a low RDS(ON) N-channel
MOSFET switch allowing for significant ef-
ficiency improvements. The SP6128A in-
cludes two fast MOSFET drivers with inter-
nal non-overlap circuitry and drives a pair of
N-channel power transistors. The SP6128A
includes an internal 0.27V/ms soft-start cir-
cuit that provides controlled ramp up of the
output voltage, preventing overshoot and in-
rush current at power up.
Current limiting is implemented by monitoring
the voltage drop across the RDS(ON) of the high
side N-channel MOSFET while it is conducting,
thereby eliminating the need for an external
sense resistor. The overcurrent threshold can be
programmed by a single resistor.
FUNCTIONAL DIAGRAM
+
-
-
+
-
+
Synchronous
Driver
PWM
Logic
S
Q
R
Reset
Dominant
R
Q
S
VCC
SWN
Reference
6
10
0.8V
UVLO
FAULT
SWN
12
1 GL
13
DRIVER ENABLE
RESET
Dominant
PWM COMP
FAULT
GH
GH
5µA
350mV
SHUTDOWN
GM
ERROR
AMP
Over Current
2.8V ON
2.7V OFF
COMP
SHUTDOWN
F = 300kHz
750mV RAMP
0.27V/ms
SOFTSTART
VFB
COMP
3
-
+
-
+
1V
+
-
GND
5
14 BST
ISET
15µA
2
PVCC
11
PGND
4
OPERATION


Similar Part No. - SP6128AHY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128AHY SIPEX-SP6128AHY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AHY/TR SIPEX-SP6128AHY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6128AHY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com