Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48861 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM48861
Description  Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48861 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48861 Datasheet HTML 3Page - Texas Instruments LM48861 Datasheet HTML 4Page - Texas Instruments LM48861 Datasheet HTML 5Page - Texas Instruments LM48861 Datasheet HTML 6Page - Texas Instruments LM48861 Datasheet HTML 7Page - Texas Instruments LM48861 Datasheet HTML 8Page - Texas Instruments LM48861 Datasheet HTML 9Page - Texas Instruments LM48861 Datasheet HTML 10Page - Texas Instruments LM48861 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
THD+N = 1%
THD+N = 10%
0
0.5
1
1.5
2
2.5
3
3.5
1
1.5
2
2.5
3
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
140
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
15
30
45
60
75
90
0
10
20
30
40
OUTPUT POWER/CHANNEL (mW)
VDD = 1.5V
VDD = 1.8V
0
10
20
30
40
50
0
10
20
30
40
OUTPUT POWER/CHANNEL (mW)
VDD = 1.8V
VDD = 1.5V
LM48861, LM48861TMBD
www.ti.com
SNAS450B – JUNE 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
RL = 16Ω, f = 1kHz
RL = 32Ω, f = 1kHz
Figure 9.
Figure 10.
PSRR vs Frequency
Output Power vs Supply Voltage
VDD = 1.5V, VRIPPLE = 200mVP-P, RL = 32Ω
RL = 16Ω, f = 1kHz
Figure 11.
Figure 12.
Output Power vs Supply Voltage
Supply Current vs Supply Voltage
RL = 32Ω, f = 1kHz
No Load
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48861 LM48861TMBD


Similar Part No. - LM48861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861TM NSC-LM48861TM Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861TMBD TI1-LM48861TMBD Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results

Similar Description - LM48861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com