Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49200 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM49200
Description  Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM49200 Datasheet HTML 3Page - Texas Instruments LM49200 Datasheet HTML 4Page - Texas Instruments LM49200 Datasheet HTML 5Page - Texas Instruments LM49200 Datasheet HTML 6Page - Texas Instruments LM49200 Datasheet HTML 7Page - Texas Instruments LM49200 Datasheet HTML 8Page - Texas Instruments LM49200 Datasheet HTML 9Page - Texas Instruments LM49200 Datasheet HTML 10Page - Texas Instruments LM49200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Electrical Characteristics VDD = 5.0V
(1)(2) (continued)
The following specifications apply for VDD = 5.0V, TA = 25°C, all volume controls set to 0dB, unless otherwise specified.
LS = Loudspeaker, HP = Headphone.
LM49200
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
LS output, f = 1kHz,
VREF = VOUT (1%THD+N)
109
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
SNR
Signal-to-Noise Ratio
HP output, f = 1kHz,
VREF = VOUT (1%THD+N)
101
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
A-weighted, Inputs terminated to AC GND, Output Referred
Right LS only, Mode 1
8
µV
LS: Mode 1
8
µV
LS: Mode 2
11
µV
εOUT
Output Noise
LS: Mode 3
14
µV
HP: Mode 4
8
µV
HP: Mode 8
9
µV
HP: Mode 12
11
µV
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz, CB = 2.2μF
All inputs AC terminated to GND, output referred
LS: Mode 1, RL = 8Ω BTL
90
dB
PSRR
Power Supply Rejection Ratio
LS: Mode 2, RL = 8Ω BTL
70
dB
HP: Mode 4, RL = 32Ω SE
87
dB
HP: Mode 8, RL = 32Ω SE
77
dB
f = 217Hz, VCM = 1VP-P
CMRR
Common-Mode Rejection Ratio
LS: RL = 8Ω BTL, Mode 1
60
dB
HP: RL = 32Ω SE, Mode 4
66
dB
LS: PO = 1W, f = 1kHz, Mode 2
80
dB
XTALK
Crosstalk
HP: PO = 12mW, f = 1kHz, Mode 8
70
dB
Maximum Gain setting
12.5
k
ZIN
MIN, LIN, and RIN Input Impedance
Maximum Attenuation setting
110
k
Maximum Gain
18
dB
VOL
Digital Volume Control Range
Maximum Attenuation
–80
dB
VOL
Volume Control Step Size Error
0.2
dB
CB = 2.2μF, HP, Normal Turn-On Mode
29
ms
TWU
Wake-Up Time from Shutdown
CB = 2.2μF, HP, Fast Turn-On Mode
16
ms
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49200 LM49200TLEVAL


Similar Part No. - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results

Similar Description - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
logo
National Semiconductor ...
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com