Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM49200
Description  Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49200 Datasheet HTML 4Page - Texas Instruments LM49200 Datasheet HTML 5Page - Texas Instruments LM49200 Datasheet HTML 6Page - Texas Instruments LM49200 Datasheet HTML 7Page - Texas Instruments LM49200 Datasheet HTML 8Page - Texas Instruments LM49200 Datasheet HTML 9Page - Texas Instruments LM49200 Datasheet HTML 10Page - Texas Instruments LM49200 Datasheet HTML 11Page - Texas Instruments LM49200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
I
2C Interface(1)(2)
The following specifications apply for VDD = 5.0V and 3.3V, 2.2V ≤ I
2C_V
DD ≤ 5.5V, TA = 25°C, unless otherwise specified.
LM49200
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)(5)
t1
I2C Clock Period
2.5
µs (min)
t2
I2C Data Setup Time
100
ns (min)
t3
I2C Data Stable Time
0
ns (min)
t4
Start Condition Time
100
ns (min)
t5
Stop Condition Time
100
ns (min)
t6
I2C Data Hold Time
100
ns (min)
VIH
I2C Input Voltage High
0.7xI2CVDD
V (min)
VIL
I2C Input Voltage Low
0.3xI2CVDD
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Human body model, applicable std. JESD22-A114C.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(5)
Refer to the I2C timing diagram, Figure 32.
I
2C Interface(1)(2)
The following specifications apply for VDD = 5.0V and 3.3V, 1.7V ≤ I
2C_V
DD ≤ 2.2V, TA = 25°C, unless otherwise specified.
LM49200
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4) (5)
t1
I2C Clock Period
2.5
µs (min)
t2
I2C Data Setup Time
250
ns (min)
t3
I2C Data Stable Time
0
ns (min)
t4
Start Condition Time
250
ns (min)
t5
Stop Condition Time
250
ns (min)
t6
I2C Data Hold Time
250
ns (min)
VIH
I2C Input Voltage High
0.7xI2CVDD
V (min)
VIL
I2C Input Voltage Low
0.3xI2CVDD
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(5)
Refer to the I2C timing diagram, Figure 32.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL


Similar Part No. - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results

Similar Description - LM49200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
logo
National Semiconductor ...
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com