Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ58A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 3.0SMCJ58A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3.0SMCJ58A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  3.0SMCJ58A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3.0SMCJ58A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3.0SMCJ58A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RWM
RWM
3.0SMCJ5.0A
3.0SMCJ5.0CA
RDE
DDE
5.00
6.40
7.00
10
9.2
326.1
800
3.0SMCJ6.0A
3.0SMCJ6.0CA
RDG
DDG
6.00
6.67
7.37
10
10.3
291.3
800
3.0SMCJ6.5A
3.0SMCJ6.5CA
RDK
DDK
6.50
7.22
7.98
10
11.2
267.9
500
3.0SMCJ7.0A
3.0SMCJ7.0CA
PDM
DDM
7.00
7.78
8.60
10
12.0
250.0
200
3.0SMCJ7.5A
3.0SMCJ7.5CA
PDP
DDP
7.50
8.33
9.21
1
12.9
232.6
100
3.0SMCJ8.0A
3.0SMCJ8.0CA
PDR
DDR
8.00
8.89
9.83
1
13.6
220.6
50
3.0SMCJ8.5A
3.0SMCJ8.5CA
PDT
DDT
8.50
9.44
10.40
1
14.4
208.3
20
3.0SMCJ9.0A
3.0SMCJ9.0CA
PDV
DDV
9.00
10.00
11.10
1
15.4
194.8
10
3.0SMCJ10A
3.0SMCJ10CA
PDX
DDX
10.00
11.10
12.30
1
17.0
176.5
5
3.0SMCJ11A
3.0SMCJ11CA
PDZ
DDZ
11.00
12.20
13.50
1
18.2
164.8
5
3.0SMCJ12A
3.0SMCJ12CA
PEE
DEE
12.00
13.30
14.70
1
19.9
150.8
5
3.0SMCJ13A
3.0SMCJ13CA
PEG
DEG
13.00
14.40
15.90
1
21.5
139.5
5
3.0SMCJ14A
3.0SMCJ14CA
PEK
DEK
14.00
15.60
17.20
1
23.2
129.3
5
3.0SMCJ15A
3.0SMCJ15CA
PEM
DEM
15.00
16.70
18.50
1
24.4
123.0
5
3.0SMCJ16A
3.0SMCJ16CA
PEP
DEP
16.00
17.80
19.70
1
26.0
115.4
5
3.0SMCJ17A
3.0SMCJ17CA
PER
DER
17.00
18.90
20.90
1
27.6
108.7
5
3.0SMCJ18A
3.0SMCJ18CA
PET
DET
18.00
20.00
22.10
1
29.2
102.7
5
3.0SMCJ20A
3.0SMCJ20CA
PEV
DEV
20.00
22.20
24.50
1
32.4
92.6
5
3.0SMCJ22A
3.0SMCJ22CA
PEX
DEX
22.00
24.40
26.90
1
35.5
84.5
5
3.0SMCJ24A
3.0SMCJ24CA
PEZ
DEZ
24.00
26.70
29.50
1
38.9
77.1
5
3.0SMCJ26A
3.0SMCJ26CA
PFE
DFE
26.00
28.90
31.90
1
42.1
71.3
5
3.0SMCJ28A
3.0SMCJ28CA
PFG
DFG
28.00
31.10
34.40
1
45.4
66.1
5
3.0SMCJ30A
3.0SMCJ30CA
PFK
DFK
30.00
33.30
36.80
1
48.4
62.0
5
3.0SMCJ33A
3.0SMCJ33CA
PFM
DFM
33.00
36.70
40.60
1
53.3
56.3
5
3.0SMCJ36A
3.0SMCJ36CA
PFP
DFP
36.00
40.00
44.20
1
58.1
51.6
5
3.0SMCJ40A
3.0SMCJ40CA
PFR
DFR
40.00
44.40
49.10
1
64.5
46.5
5
3.0SMCJ43A
3.0SMCJ43CA
PFT
DFT
43.00
47.80
52.80
1
69.4
43.2
5
3.0SMCJ45A
3.0SMCJ45CA
PFV
DFV
45.00
50.00
55.30
1
72.7
41.3
5
3.0SMCJ48A
3.0SMCJ48CA
PFX
DFX
48.00
53.30
58.90
1
77.4
38.8
5
3.0SMCJ51A
3.0SMCJ51CA
PFZ
DFZ
51.00
56.70
62.70
1
82.4
36.4
5
3.0SMCJ54A
3.0SMCJ54CA
PGE
DGE
54.00
60.00
66.30
1
87.1
34.4
5
3.0SMCJ58A
3.0SMCJ58CA
PGG
DGG
58.00
64.40
71.20
1
93.6
32.1
5
3.0SMCJ60A
3.0SMCJ60CA
PGK
DGK
60.00
66.70
73.70
1
96.8
31.0
5
3.0SMCJ64A
3.0SMCJ64CA
PGM
DGM
64.00
71.10
78.60
1
103.0
29.1
5
3.0SMCJ70A
3.0SMCJ70CA
PGP
DGP
70.00
77.80
86.00
1
113.0
26.5
5
3.0SMCJ75A
3.0SMCJ75CA
PGR
DGR
75.00
83.30
92.10
1
121.0
24.8
5
3.0SMCJ78A
3.0SMCJ78CA
PGT
DGT
78.00
86.70
95.80
1
126.0
23.8
5
3.0SMCJ85A
3.0SMCJ85CA
PGV
DGV
85.00
94.40
104.00
1
137.0
21.9
5
3.0SMCJ90A
3.0SMCJ90CA
PGX
DGX
90.00
100.00
111.00
1
146.0
20.5
5
3.0SMCJ100A 3.0SMCJ100CA
PGZ
DGZ
100.00
111.00
123.00
1
162.0
18.5
5
3.0SMCJ110A 3.0SMCJ110CA
PHE
DHE
110.00
122.00
135.00
1
177.0
16.9
5
3.0SMCJ120A 3.0SMCJ120CA
PHG
DHG
120.00
133.00
147.00
1
193.0
15.5
5
3.0SMCJ130A 3.0SMCJ130CA
PHK
DHK
130.00
144.00
159.00
1
209.0
14.4
5
3.0SMCJ150A 3.0SMCJ150CA
PHM
DHM
150.00
167.00
185.00
1
243.0
12.3
5
3.0SMCJ160A 3.0SMCJ160CA
PHP
DHP
160.00
178.00
197.00
1
259.0
11.6
5
3.0SMCJ170A 3.0SMCJ170CA
PHR
DHR
170.00
189.00
209.00
1
275.0
10.9
5
2 of 3
www.sunmate.tw
(BI)
(Uni)
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(BI)
(Uni)
Marking


Similar Part No. - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ58A TAYCHIPST-3.0SMCJ58A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
3.0SMCJ58A FCI-3.0SMCJ58A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3.0SMCJ58A TSC-3.0SMCJ58A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB11CA SUNMATE-1SMB11CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB51CA SUNMATE-1SMB51CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB85A SUNMATE-1SMB85A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ150CA SUNMATE-SMAJ150CA Datasheet
787Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMA5J22CA SUNMATE-SMA5J22CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com