Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA150A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 30KPA150A
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30KPA150A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  30KPA150A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30KPA150A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 30KPA150A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30KPA168CA
30KPA170A
30KPA170CA
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double For parts without A , the VBR is + 10%
30KPA28A
30KPA28CA
30KPA30A
30KPA30CA
30KPA33A
30KPA33CA
30KPA36A
30KPA36CA
30KPA39A
30KPA39CA
30KPA42A
30KPA42CA
30KPA43A
30KPA43CA
30KPA45A
30KPA45CA
30KPA48A
30KPA48CA
30KPA51A
30KPA51CA
30KPA54A
30KPA54CA
30KPA58A
30KPA58CA
30KPA60A
30KPA60CA
30KPA64A
30KPA64CA
30KPA66A
30KPA66CA
30KPA70A
30KPA70CA
30KPA71A
30KPA71CA
30KPA72A
30KPA72CA
30KPA75A
30KPA75CA
30KPA78A
30KPA78CA
30KPA84A
30KPA84CA
30KPA90A
30KPA90CA
30KPA96A
30KPA96CA
30KPA102A
30KPA102CA
30KPA108A
30KPA108CA
30KPA120A
30KPA120CA
30KPA132A
30KPA132CA
30KPA144A
30KPA144CA
30KPA150A
30KPA150CA
30KPA156A
30KPA156CA
30KPA160A
30KPA160CA
30KPA168A
30KPA180A
30KPA180CA
30KPA198A
30KPA198CA
30KPA216A
30KPA216CA
30KPA240A
30KPA240CA
30KPA258A
30KPA258CA
30KPA260A
30KPA260CA
30KPA270A
30KPA270CA
30KPA280A
30KPA280CA
30KPA288A
30KPA288CA
30KPA300A
30KPA300CA
30KPA350A
30KPA350CA
30KPA400A
30KPA400CA
2 of 3
www.sunmate.tw
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
(BI)
(UNI)
TYPE
28.00
31.3
50
50.0
606.0
5000
30.00
33.5
50
55.2
548.9
5000
33.00
36.9
50
58.5
517.2
5000
36.00
40.2
50
61.8
490.3
5000
39.00
43.6
20
67.2
450.9
2000
42.00
46.9
10
72.0
420.8
1000
43.00
48.0
10
73.0
415.1
1000
45.00
50.3
5
77.4
391.5
250
48.00
53.6
5
81.6
371.3
150
51.00
57.0
5
86.4
350.7
50
54.00
60.3
5
91.4
331.5
20
58.00
64.8
5
92.4
327.9
20
60.00
67.0
5
102.0
297.1
15
64.00
71.5
5
104.0
291.3
10
66.00
73.7
5
107.0
283.2
10
70.00
78.2
5
109.0
278.0
10
71.00
79.3
5
111.5
271.7
10
72.00
80.4
5
114.0
265.8
10
75.00
83.8
5
119.4
253.8
10
78.00
87.1
5
129.0
234.0
10
84.00
93.8
5
139.2
217.7
10
90.00
100.5
5
146.4
207.0
10
96.00
107.2
5
156.0
194.2
10
102.00
113.9
5
165.6
183.0
10
108.00
120.6
5
175.2
172.9
10
120.00
134.0
5
194.4
155.9
10
132.00
147.4
5
213.0
142.3
10
144.00
160.8
5
223.2
135.8
10
150.00
167.6
5
233.4
129.8
10
156.00
174.3
5
245.0
123.7
10
160.00
178.7
5
252.6
120.0
10
168.00
187.7
5
272.4
111.2
10
170.00
189.9
5
275.0
110.2
10
180.00
201.1
5
290.4
104.3
10
198.00
221.2
5
319.8
94.7
10
216.00
241.3
5
348.6
86.9
10
240.00
268.1
5
387.0
78.3
10
258.00
288.2
5
416.4
72.8
10
260.00
290.4
5
416.0
72.8
10
270.00
301.6
5
436.2
69.5
10
280.00
312.8
5
464.0
65.3
10
288.00
321.7
5
469.9
64.5
10
300.00
333.0
5
483.0
62.0
10
350.00
389.0
5
564.0
53.0
10
400.00
444.0
5
644.0
46.0
10


Similar Part No. - 30KPA150A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA150A LITTELFUSE-30KPA150A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
StarHope
30KPA150A SPSEMI-30KPA150A Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
TAITRON Components Inco...
30KPA150A TAITRON-30KPA150A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA150A SUNMATE-30KPA150A Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
30KPA150A MDE-30KPA150A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA150A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303 SUNMATE-1N6303 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303A SUNMATE-1N6303A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com