Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC16550DN Datasheet(PDF) 5 Page - Texas Instruments

Part # PC16550DN
Description  Universal Asynchronous Receiver/Transmitter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550DN Datasheet(HTML) 5 Page - Texas Instruments

  PC16550DN Datasheet HTML 1Page - Texas Instruments PC16550DN Datasheet HTML 2Page - Texas Instruments PC16550DN Datasheet HTML 3Page - Texas Instruments PC16550DN Datasheet HTML 4Page - Texas Instruments PC16550DN Datasheet HTML 5Page - Texas Instruments PC16550DN Datasheet HTML 6Page - Texas Instruments PC16550DN Datasheet HTML 7Page - Texas Instruments PC16550DN Datasheet HTML 8Page - Texas Instruments PC16550DN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PC16550D
www.ti.com
SNLS378C – JUNE 1995 – REVISED MAY 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION(1)
NAME
PDIP
PLCC
Data Carrier Detect. When low, indicates that the data carrier has been detected by the MODEM
or data set. The DCD signal is a MODEM status input whose condition can be tested by the
CPU reading bit 7 (DCD) of the MODEM Status Register. Bit 7 is the complement of the DCD
signal. Bit 3 (DDCD) of the MODEM Status Register indicates whether the DCD input has
changed state since the previous reading of the MODEM Status Register. DCD has no effect on
the receiver.
DCD
38
42
I
NOTE
Whenever the DCD bit of the MODEM Status Register
changes state, an interrupt is generated if the MODEM
Status Interrupt is enabled.
Driver Disable. This goes low whenever the CPU is reading data from the UART. It can disable
DDIS
23
26
O
or control the direction of a data bus transceiver between the CPU and the UART.
Data Set Ready. When low, this indicates that the MODEM or data set is ready to establish the
communications link with the UART. The DSR signal is a MODEM status input whose condition
can be tested by the CPU reading bit 5 (DSR) of the MODEM Status Register. Bit 5 is the
complement of the DSR signal. Bit 1 (DDSR) of the MODEM Status Register indicates whether
the DSR input has changed state since the previous reading of the MODEM Status Register.
DSR
37
41
I
NOTE
Whenever the DDSR bit of the MODEM Status
Register changes state, an interrupt is generated if the
MODEM Status Interrupt is enabled.
Data Terminal Ready. When low, this informs the MODEM or data set that the UART is ready to
establish a communications link. The DTR output signal can be set to an active low by
DTR
33
37
O
programming bit 0 (DTR) of the MODEM Control Register to a high level. A Master Reset
operation sets this signal to its inactive (high) state. Loop mode operation holds this signal in its
inactive state.
Interrupt. This pin goes high whenever any one of the following interrupt types has an active high
condition and is enabled through the IER Receiver Error Flag; Received Data Available timeout
INTR
30
33
O
(FIFO Mode only); Transmitter Holding Register Empty; and MODEM Status. The INTR signal is
reset low upon the appropriate interrupt service or a Master Reset operation.
Master Reset. When this input is high, it clears all the registers (except the Receiver Buffer,
Transmitter Holding, and Divisor Latches), and the control logic of the UART. The states of
MR
35
39
I
various output signals (SOUT, INTR, OUT 1, OUT 2, RTS, DTR) are affected by an active MR
input (Refer to Table 3) This input is buffered with a TTL-compatible Schmitt Trigger with 0.5-V
typical hysteresis.
Output 1. This user-designated output can be set to an active low by programming bit 2 (OUT 1)
of the MODEM Control Register to a high level. A Master Reset operation sets this signal to its
OUT 1
34
38
O
inactive (high) state. Loop mode operation holds this signal in its inactive state. In the XMOS
parts this will achieve TTL levels.
Output 2. This user-designated output that can be set to an active low by programming bit 3
(OUT 2) of the MODEM Control Register to a high level. A Master Reset operation sets this
OUT 2
31
35
O
signal to its inactive (high) state. Loop mode operation holds this signal in its inactive state. In
the XMOS parts this will achieve TTL levels.
RCLK
9
10
I
Receiver Clock. This input is the 16 x baud rate clock for the receiver section of the chip.
RD
22
25
I
Read. When RD is high or RD is low while the chip is selected, the CPU can read status
information or data from the selected UART register.
NOTE
Only an active RD or RD input is required to transfer
RD
21
24
I
data
from
the
UART
during
a
read
operation.
Therefore, tie either the RD input permanently low or
the RD input permanently high, when it is not used.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PC16550D


Similar Part No. - PC16550DN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC16550DN NSC-PC16550DN Datasheet
344Kb / 22P
   PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
More results

Similar Description - PC16550DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
TL16PC564BLVI TI-TL16PC564BLVI Datasheet
525Kb / 34P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
National Semiconductor ...
NSC858 NSC-NSC858 Datasheet
683Kb / 19P
   NSC858 Universal Asynchronous Receiver/Transmitter
logo
OKI electronic componet...
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com