Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534DWG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534DWG4
Description  Interrupt Output and Configuration Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534DWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9534DWG4 Datasheet HTML 6Page - Texas Instruments PCA9534DWG4 Datasheet HTML 7Page - Texas Instruments PCA9534DWG4 Datasheet HTML 8Page - Texas Instruments PCA9534DWG4 Datasheet HTML 9Page - Texas Instruments PCA9534DWG4 Datasheet HTML 10Page - Texas Instruments PCA9534DWG4 Datasheet HTML 11Page - Texas Instruments PCA9534DWG4 Datasheet HTML 12Page - Texas Instruments PCA9534DWG4 Datasheet HTML 13Page - Texas Instruments PCA9534DWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
0
25
50
75
100
125
150
175
200
225
250
275
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 5 V, IOL = 10 mA
VCC = 2.5 V, IOL = 10 mA
VCC = 5 V, IOL = 1 mA
VCC = 2.5 V, IOL = 1 mA
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
PCA9534
SCPS124G – SEPTEMBER 2006 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. I/O Sink Current vs Output Low Voltage
Figure 8. I/O Sink Current vs Output Low Voltage
Figure 10. I/O Source Current vs Output High Voltage
Figure 9. I/O Output High Voltage vs Temperature
Figure 11. I/O Source Current vs Output High Voltage
Figure 12. I/O Source Current vs Output High Voltage
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: PCA9534


Similar Part No. - PCA9534DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534DW TI-PCA9534DW Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DWR TI-PCA9534DWR Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DWR TI1-PCA9534DWR Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - PCA9534DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com