Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535DBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535DBR
Description  SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9535DBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9535DBR Datasheet HTML 7Page - Texas Instruments PCA9535DBR Datasheet HTML 8Page - Texas Instruments PCA9535DBR Datasheet HTML 9Page - Texas Instruments PCA9535DBR Datasheet HTML 10Page - Texas Instruments PCA9535DBR Datasheet HTML 11Page - Texas Instruments PCA9535DBR Datasheet HTML 12Page - Texas Instruments PCA9535DBR Datasheet HTML 13Page - Texas Instruments PCA9535DBR Datasheet HTML 14Page - Texas Instruments PCA9535DBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
A
A
A
A
S
0
1
0
0
A1
A2
A0
1
Data 1
1
P
Data 2
Start
Condition
8 Bits
(One Data Byte)
From Port
Data From Port
Slave Address
R/W
8
7
6
5
4
3
2
1
tir
tir
tsps
tiv
Address
Data 1
Data 2
INT
Data
Into
Port
B
B
A
A
Pn
INT
R/W
A
tir
0.7
× VCC
0.3
× VCC
0.7
× VCC
0.3
× VCC
0.7
× VCC
0.3
× VCC
0.7
× VCC
0.3
× VCC
INT
SCL
View B−B
View A−A
tiv
RL = 4.7 kΩ
VCC
CL = 100 pF
(see Note A)
INTERRUPT LOAD CONFIGURATION
DUT
INT
ACK
From Slave
ACK
From Slave
PCA9535
www.ti.com
SCPS129J – AUGUST 2005 – REVISED JUNE 2014
Parameter Measurement Information (continued)
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 14. Interrupt Load Circuit And Voltage Waveforms
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCA9535


Similar Part No. - PCA9535DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535DBR TI-PCA9535DBR Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9535DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com