Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517PW Datasheet(PDF) 4 Page - Texas Instruments

Part # PCA9517PW
Description  PCA9517 Level-Translating
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9517PW Datasheet(HTML) 4 Page - Texas Instruments

  PCA9517PW Datasheet HTML 1Page - Texas Instruments PCA9517PW Datasheet HTML 2Page - Texas Instruments PCA9517PW Datasheet HTML 3Page - Texas Instruments PCA9517PW Datasheet HTML 4Page - Texas Instruments PCA9517PW Datasheet HTML 5Page - Texas Instruments PCA9517PW Datasheet HTML 6Page - Texas Instruments PCA9517PW Datasheet HTML 7Page - Texas Instruments PCA9517PW Datasheet HTML 8Page - Texas Instruments PCA9517PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
5
6
7
8
D PACKAGE
(TOP VIEW)
V
CCA
GND
SDAA
SCLA
V
CCB
EN
SDAB
SCLB
DGK PACKAGE
(TOP VIEW)
1
8
V
CCA
V
CCB
4
5
GND
EN
3
6
SDAA
SDAB
2
7
SCLA
SCLB
Not Recommended for New Designs
PCA9517
SCPS157E – DECEMBER 2007 – REVISED JUNE 2014
www.ti.com
5 Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NAME
NO.
VCCA
1
A-side supply voltage (0.9 V to 5.5 V)
SCLA
2
Serial clock bus, A side. Connect to VCCA through a pullup resistor.
SDAA
3
Serial data bus, A side. Connect to VCCA through a pullup resistor.
GND
4
Supply ground
EN
5
Active-high repeater enable input
SDAB
6
Serial data bus, B side. Connect to VCCB through a pullup resistor.
SCLB
7
Serial clock bus, B side. Connect to VCCB through a pullup resistor.
VCCB
8
B-side and device supply voltage (2.7 V to 5.5 V)
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCB
Supply voltage range
–0.5
7
V
VCCA
Supply voltage range
–0.5
7
V
VI
Enable input voltage range(2)
–0.5
7
V
VI/O
I2C bus voltage range(2)
–0.5
7
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
Continuous output current
±50
mA
IO
Continuous current through VCC or GND
±100
mA
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: PCA9517


Similar Part No. - PCA9517PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results

Similar Description - PCA9517PW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com