Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515APWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9515APWR
Description  SMBus Repeater
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9515APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9515APWR Datasheet HTML 4Page - Texas Instruments PCA9515APWR Datasheet HTML 5Page - Texas Instruments PCA9515APWR Datasheet HTML 6Page - Texas Instruments PCA9515APWR Datasheet HTML 7Page - Texas Instruments PCA9515APWR Datasheet HTML 8Page - Texas Instruments PCA9515APWR Datasheet HTML 9Page - Texas Instruments PCA9515APWR Datasheet HTML 10Page - Texas Instruments PCA9515APWR Datasheet HTML 11Page - Texas Instruments PCA9515APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
9th Clock Pulse
VOL of PCA9515A
VOL of Master
SCL
SDA
I2C BUS SLAVE
100 kHz
3.3 V
PCA9515A
5 V
SDA
SCL
I2C BUS MASTER
400 kHz
SDA1
SCL1
SDA0
SCL0
EN
SDA
SCL
BUS 0
BUS 1
PCA9515A
SCPS150D – DECEMBER 2005 – REVISED JUNE 2014
www.ti.com
9 Application and Implementation
9.1 Typical Application
A typical application is shown in Figure 3. In this example, the system master is running on a 3.3-V bus, while the
slave is connected to a 5-V bus. Both buses run at 100 kHz, unless the slave bus is isolated, and then the
master bus can run at 400 kHz. Master devices can be placed on either bus.
Figure 3. Typical Application
9.1.1 Design Requirements
The PCA9515A is 5.5-V tolerant, so it does not require any additional circuitry to translate between the different
bus voltages.
When one side of the PCA9515A is pulled low by a device on the I2C bus, a CMOS hysteresis-type input detects
the falling edge and causes an internal driver on the other side to turn on, thus causing the other side also to go
low. The side driven low by the PCA9515A typically is at VOL = 0.5 V.
9.1.2 Detailed Design Procedure
Figure 4 and Figure 5 show the waveforms that are seen in a typical application. If the bus master in Figure 3
writes to the slave through the PCA9515A, Bus 0 has the waveform shown in Figure 4. This looks like a normal
I2C transmission until the falling edge of the eighth clock pulse. At that point, the master releases the data line
(SDA) while the slave pulls it low through the PCA9515A. Because the VOL of the PCA9515A typically is around
0.5 V, a step in the SDA is seen. After the master has transmitted the ninth clock pulse, the slave releases the
data line.
Figure 4. Bus 0 Waveforms
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9515A


Similar Part No. - PCA9515APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515APWR TI-PCA9515APWR Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results

Similar Description - PCA9515APWR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9515A PERICOM-PI6ULS5V9515A Datasheet
494Kb / 10P
   SMBus Repeater
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Nuvoton Technology Corp...
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com