Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ-LC13A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SMBJ-LC13A
Description  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBJ-LC13A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMBJ-LC13A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBJ-LC13A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMBJ-LC13A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMBJ-LC13A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Case : DO-214AA(SMB) Molded plastic
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
POWER: 600 Wa t t s
VOLTAGE RANGE: 5.0 - 188 8 V
SMBJ-LC5.0A(CA) - SMBJ-LC188A(CA)
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Lead Formed for Surface Mount
Epoxy : UL94V-O rate flame retardant
Very response Time
Excellent clamping capability
Low
600W peak pulse power capability
with a 10/1000µs waveform
junction capacitance
Peak Pulse Power Dissipation on 10/1000
μs waveform (1)(2)
W
Peak Pulse Current on 10/1000
μs waveform (1)
A
Typical Thermal resistance, Junction to ambient
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse and derated above Ta = 25
°C
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal.
RӨJA
100
Minimum 600
See Table
IPPM
PPPM
Maximum Ratings Rating at 25 °C ambient temperature unless otherwise specified.
Features
Mechanical Data
1 of 4
!
!
!
!
!
!
!
!
www.sunmate.tw
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
Symbol
Value
Units
Characteristic
Weight: 0.093 grams (approx.)
!


Similar Part No. - SMBJ-LC13A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ-LC13A EIC-SMBJ-LC13A Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMBJ-LC13A SUNMATE-SMBJ-LC13A Datasheet
295Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SMBJ-LC13A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com