Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1604 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1604
Description  DIGITAL-TO-ANALOG CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1604 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1604 Datasheet HTML 2Page - Texas Instruments PCM1604 Datasheet HTML 3Page - Texas Instruments PCM1604 Datasheet HTML 4Page - Texas Instruments PCM1604 Datasheet HTML 5Page - Texas Instruments PCM1604 Datasheet HTML 6Page - Texas Instruments PCM1604 Datasheet HTML 7Page - Texas Instruments PCM1604 Datasheet HTML 8Page - Texas Instruments PCM1604 Datasheet HTML 9Page - Texas Instruments PCM1604 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
®
6
PCM1604, PCM1605
TYPICAL PERFORMANCE CURVES
All specifications at +25
°C, V
CC = 5V, VDD = 3.3V, SYSCLK = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
DIGITAL FILTER
Digital Filter (De-Emphasis Off, fS = 44.1kHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY RESPONSE
(Sharp Roll-Off)
Frequency (x f
S)
PASSBAND RIPPLE
(Sharp Roll-Off)
Frequency (x f
S)
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY RESPONSE
(Slow Roll-Off)
Frequency (x f
S)
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TRANSITION CHARACTERISTICS
(Slow Roll-Off)
Frequency (x f
S)
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS ERROR (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
DE-EMPHASIS ERR0R (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
DE-EMPHASIS ERROR (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
De-Emphasis Error
Not Recommended For New Designs


Similar Part No. - PCM1604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1604Y BURR-BROWN-PCM1604Y Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com