Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1608 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1608
Description  Delta-Sigma Digital-to-Analog Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1608 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1608_15 Datasheet HTML 5Page - Texas Instruments PCM1608_15 Datasheet HTML 6Page - Texas Instruments PCM1608_15 Datasheet HTML 7Page - Texas Instruments PCM1608_15 Datasheet HTML 8Page - Texas Instruments PCM1608_15 Datasheet HTML 9Page - Texas Instruments PCM1608_15 Datasheet HTML 10Page - Texas Instruments PCM1608_15 Datasheet HTML 11Page - Texas Instruments PCM1608_15 Datasheet HTML 12Page - Texas Instruments PCM1608_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES
Digital Filter (De-Emphasis Off)
Frequency [
× fS]
−140
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G001
Frequency [
× fS]
−0.05
−0.04
−0.03
−0.02
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.0
0.1
0.2
0.3
0.4
0.5
G002
Frequency [
× fS]
−140
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G003
Frequency [
× fS]
−5
−4
−3
−2
−1
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
G004
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit input data, unless
otherwise noted
FREQUENCY RESPONSE (SHARP ROLLOFF)
PASS-BAND FREQUENCY RESPONSE (SHARP ROLLOFF)
Figure 1.
Figure 2.
FREQUENCY RESPONSE (SLOW ROLLOFF)
TRANSITION CHARACTERISTICS (SLOW ROLLOFF)
Figure 3.
Figure 4.
9


Similar Part No. - PCM1608_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608KY TI-PCM1608KY Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608KY/2K TI-PCM1608KY/2K Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608Y TI-PCM1608Y Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608Y/2K TI-PCM1608Y/2K Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1608_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com