Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1702P Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1702P
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1702P Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1702P_16 Datasheet HTML 2Page - Texas Instruments PCM1702P_16 Datasheet HTML 3Page - Texas Instruments PCM1702P_16 Datasheet HTML 4Page - Texas Instruments PCM1702P_16 Datasheet HTML 5Page - Texas Instruments PCM1702P_16 Datasheet HTML 6Page - Texas Instruments PCM1702P_16 Datasheet HTML 7Page - Texas Instruments PCM1702P_16 Datasheet HTML 8Page - Texas Instruments PCM1702P_16 Datasheet HTML 9Page - Texas Instruments PCM1702P_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
PCM1702
Level Linearity
Deviation from ideal versus actual signal level is sometimes
called “level linearity” in digital audio converter testing. See
the “–90dB Signal Spectrum” plot in the Typical Perfor-
mance Curves section for the power spectrum of a PCM1702
at a –90dB output level. (The “–90dB Signal” plot shows the
actual –90dB output of the DAC). The deviation from ideal
for PCM1702 at this signal level is typically less than
±0.3dB. For the “–110dB Signal” plot in the Typical Perfor-
mance Curves section, true 20-bit digital code is used to
generate a –110dB output signal.
This type of performance is possible only with the low-
noise, near-theoretical performance around bipolar zero of
the PCM1702 advanced sign magnitude.
A commonly tested digital audio parameter is the amount of
deviation from ideal of a 1kHz signal when its amplitude is
decreased form –60dB to –120dB. A digitally dithered input
signal is applied to reach effective output levels of
–120dB using only the available 16-bit code from a special
compact disk test input. See the “16-bit Level Linearity” plot
in the Typical Performance Curves section for the results of
a PCM1702 tested using this 16-bit dithered fade-to-noise
signal. Note the very small deviation from ideal as the signal
goes from –60dB to –100dB.
DC SPECIFICATION
Idle Channel SNR
Another appropriate specification for a digital audio con-
verter is idle channel signal-to-noise ratio (idle channel
SNR). This is the ratio of noise on the DAC output at bipolar
zero in relation to the full scale range of the DAC. To make
this measurement, the digital input is continuously fed the
code for bipolar zero, while the output of the DAC is band-
limited from 20Hz to 20kHz and an A-weighted filter is
applied. The idle channel SNR for the PCM1702 is typically
greater than 120dB, making it ideal for low-noise applica-
tions.
Monotonicity
Because of the unique advanced sign magnitude architecture
of the PCM1702, increasing values of digital input will
always result in increasing values of DAC output as the
signal moves away from bipolar zero in one-LSB steps (in
either direction). The “16-bit Monotonicity” plot in the
Typical Performance Curves section was generated using
16-bit digital code from a test compact disk. The test starts
with 10 periods of bipolar zero. Next are 10 periods of
alternating 1LSBs above and below zero, and then 10
periods of alternating 2LSBs above and below zero, and so
on until 10LSBs above and below zero are reached. The
signal pattern then begins again at bipolar zero.
With PCM1702, the low-noise steps are clearly defined and
increase in near-perfect proportion. This performance is
achieved without any external adjustments. By contrast,
sigma-delta (“Bit-stream”, “MASH”, or 1-bit DAC) archi-
tectures are too noisy to even see the first 3 or 4 bits change
(at 16 bits), other than by a change in the noise level.
Absolute Linearity
Even though absolute integral and differential linearity specs
are not given for the PCM1702, the extremely low THD+N
performance is typically indicative of 17-bit integral linearity
in the DAC. The relationship between THD+N and linearity,
however, is not such that an absolute linearity specification
for every individual output code can be guaranteed.
Offset, Gain, and Temperature Drift
Although the PCM1702 is primarily meant for use in dy-
namic applications, specifications are also given for more
traditional DC parameters such as gain error, bipolar zero
offset error, and temperature gain and offset drift.
DIGITAL INPUT
Timing Considerations
The PCM1702 accepts TTL compatible logic input levels.
The data format of the PCM1702 is binary two’s comple-
ment (BTC) with the most significant bit (MSB) being first
FIGURE 1. Production THD+N Test Setup.
Timing
Logic
Binary
Counter
Digital Code
(EPROM)
Parallel-to-Serial
Conversion
DUT
(PCM1702)
I to V
Converter
OPA627
Distortion
Analyzer
Programmable
Gain Amp
0dB to 60dB
Low-Pass Filter
40kHz 3rd Order
GIC Type
DATA
(Shiba Soku Model
725 or Equivalent)
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
Sampling Rate = 44.1kHz x 8(352.8kHz)
Output Frequency = 1002Hz
LE (Latch Enable)
CLOCK


Similar Part No. - PCM1702P_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P-J BURR-BROWN-PCM1702P-J Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P-JG4 BURR-BROWN-PCM1702P-JG4 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P-K BURR-BROWN-PCM1702P-K Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702PG4 BURR-BROWN-PCM1702PG4 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702P_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com