Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1718E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1718E
Description  DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1718E Datasheet(HTML) 2 Page - Texas Instruments

  PCM1718E Datasheet HTML 1Page - Texas Instruments PCM1718E Datasheet HTML 2Page - Texas Instruments PCM1718E Datasheet HTML 3Page - Texas Instruments PCM1718E Datasheet HTML 4Page - Texas Instruments PCM1718E Datasheet HTML 5Page - Texas Instruments PCM1718E Datasheet HTML 6Page - Texas Instruments PCM1718E Datasheet HTML 7Page - Texas Instruments PCM1718E Datasheet HTML 8Page - Texas Instruments PCM1718E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
®
2
PCM1718E
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +VDD = +5V, fs = 44.1kHz, and 18-bit input data, SYSCLK = 384fs, unless otherwise noted. Measurement bandwidth is 20kHz.
PCM1718E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
18
Bits
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Input Logic Level:
VIH(2)
70% of VDD
V
VIL(2)
30% of VDD
V
VIH(3)
70% of VDD
V
VIL(3)
30% of VDD
V
VIH(4)
64% of VDD
V
VIL(4)
28% of VDD
V
Input Logic Current:
IIH(5)
–6.0
µA
IIL(5)
–120
µA
IIH(6)
–2
µA
IIL(6)
0.02
µA
IIH(4)
VIN = 3.2V
40
µA
IIL(4)
VIN = 1.4V
–40
µA
Output Logic Level: (+VDD = +5V)
VOH(7)
IOH = –5mA
3.8
V
VOL(7)
IOL = +5mA
1.0
V
VOL(8)
IOL = +5mA
1.0
V
Interface Format
Selectable Normal, I2S
Data Format
16/18 Bits MSB First Binary Two’s Complement
Sampling Frequency
32
44.1
48
kHz
System Clock Frequency
256fs/384fs
8.192/12.288
11.2896/16.9344
12.288/18.432
MHz
DC ACCURACY
Gain Error
±1.0
±5.0
% of FSR
Gain Mismatch Channel-to-Channel
±1.0
±5.0
% of FSR
Bipolar Zero Error
VO = 1/2 VCC at Bipolar Zero
±30
mV
DYNAMIC PERFORMANCE(1)
VCC = +5V, f = 991Hz
THD+N at FS (0dB)
–90
–80
dB
THD+N at –60dB
–34
dB
Dynamic Range
EIAJ, A-weighted
90
96
dB
Signal-To-Noise Ratio
EIAJ, A-weighted
92
100
dB
Channel Separation
90
97
dB
Level Linearity Error (–90dB)
±0.5
dB
DYNAMIC PERFORMANCE(1)
VCC = +3V, f = 991Hz
THD+N at FS (0dB)
–86
dB
Dynamic Range
EIAJ, A-weighted
91
dB
Signal-To-Noise Ratio
EIAJ, A-weighted
94
dB
DIGITAL FILTER PERFORMANCE
Pass Band Ripple
±0.17
dB
Stop Band Attenuation
–35
dB
Pass Band
0.445
fs
Stop Band
0.555
fs
De-emphasis Error
(fs = 32kHz ~ 48kHz)
–0.2
+0.55
dB
Delay Time (Latency)
11.125/fs
sec
ANALOG OUTPUT
Voltage Range
FS (0dB) OUT
62% of VCC
Vp-p
Load Impedance
5k
Center Voltage
50% of VCC
V
POWER SUPPLY REQUIREMENTS
Voltage Range:
+VCC
+2.7
+5.5
VDC
+VDD
+2.7
+5.5
VDC
Supply Current: +ICC +IDD(9)
+VCC = +VDD = +5V
18.0
25.0
mA
+VCC = +VDD = +3V
9.0
15.0
mA
Power Dissipation
+VCC = +VDD = +5V
90
125
mW
+VCC = +VDD = +3V
27
45
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+100
°C
NOTES: (1) Tested with Shibasoku #725 THD. Meter 400Hz HPF, 30kHz LPF On, Average Mode with 20kHz bandwidth limiting. (2) Pins 4, 5, 6, 14: LRCIN, DIN,
BCKIN, FORMAT. (3) Pins 15, 16, 17, 18: RSTB, DM0, DM1, MUTE (Schmitt trigger input). (4) Pin 1: XTI. (5) Pins 15, 16, 17, 18: RSTB, DM0, DM1, MUTE (if
pull-up resistor is used). (6) Pins 4, 5, 6: LRCIN, DIN, BCKIN (if pull-up resistor is not used). (7) Pin 19: CLKO. (8) Pin 7: ZERO. (9) No load on pins 19 (CLKO)
and 20 (XTO).
Not Recommended For New Designs


Similar Part No. - PCM1718E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1718E BURR-BROWN-PCM1718E Datasheet
172Kb / 11P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1718E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com