Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1728EG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1728EG4
Description  DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1728EG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1728EG4 Datasheet HTML 6Page - Texas Instruments PCM1728EG4 Datasheet HTML 7Page - Texas Instruments PCM1728EG4 Datasheet HTML 8Page - Texas Instruments PCM1728EG4 Datasheet HTML 9Page - Texas Instruments PCM1728EG4 Datasheet HTML 10Page - Texas Instruments PCM1728EG4 Datasheet HTML 11Page - Texas Instruments PCM1728EG4 Datasheet HTML 12Page - Texas Instruments PCM1728EG4 Datasheet HTML 13Page - Texas Instruments PCM1728EG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
®
10
PCM1728
APPLICATION
CONSIDERATIONS
DELAY TIME
There is a finite delay time in delta-sigma converters. In A/D
converters, this is commonly referred to as latency. For a
delta-sigma D/A converter, delay time is determined by the
order number of the FIR filter stage, and the chosen sampling
rate. The following equation expresses the delay time of
PCM1728:
TD = 30 x 1/fS
For fS = 44.1kHz, TD = 30/44.1kHz = 680µs
Applications using data from a disc or tape source, such as
CD audio, DVD audio, Video CD, DAT, Minidisc, etc.,
generally are not affected by delay time. For some profes-
sional applications such as broadcast audio for studios, it is
important for total delay time to be less than 2ms.
OUTPUT FILTERING
For testing purposes all dynamic tests are done on the
PCM1728 using a 20kHz low pass filter. This filter limits
the measured bandwidth for THD+N, etc. to 20kHz. Failure
to use such a filter will result in higher THD+N and lower
SNR and Dynamic Range readings than are found in the
specifications. The low pass filter removes out of band
noise. Although it is not audible, it may affect dynamic
specification numbers.
The performance of the internal low pass filter from DC to
40kHz is shown in Figure 10. The higher frequency roll-off
of the filter is shown in Figure 11. If the user’s application
has the PCM1728 driving a wideband amplifier, it is recom-
mended to use an external low pass filter.
BYPASSING POWER SUPPLIES
The power supplies should be bypassed as close as possible
to the unit. Refer to Figure 12 for optimal values of bypass
capacitors.
1
10
100
1k
10k
100k
1
0.5
0
–0.5
–1
Log Frequency (Hz)
FIGURE 10. Low Pass Filter Response.
FIGURE 11. Low Pass Filter Response.
POWER SUPPLY
CONNECTIONS
PCM1728 has four power supply pin for digital (VDD), and
analog (VCC). Each connection also has a separate ground. If
the power supplies turn on at different times, there is a
possibility of a latch-up condition. To avoid this condition,
it is recommended to have a common connection between
the digital and analog power supplies. If separate supplies
are used without a common connection, the delta between
the two supplies during ramp-up time must be less than
0.1V.
1
10
100
1k
10k
100k
10M
1M
20
0
–20
–40
–60
–80
–100
Log Frequency (Hz)


Similar Part No. - PCM1728EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1728EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com