Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C166-15VC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C166-15VC
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C166-15VC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C166-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C166-15VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. **
Page 7 of 9
CY7C164 Truth Table
CE
WE
Input/Output
Mode
H
X
High Z
Deselect/Power-Down
L
H
Data Out
Read
L
L
Data In
Write
CY7C166 Truth Table
CE
WE
OE
Input/Output
Mode
H
X
X
High Z
Deselect/Power-Down
L
H
L
Data Out
Read
L
L
H
Data In
Write
L
H
H
High Z
Write
Address Designators
Address
Name
Address
Function
CY 7C164 Pin
Number
CY7C166 Pin
Number
A5
X3
1
1
A6
X4
2
2
A7
X5
3
3
A8
X6
4
4
A9
X7
5
5
A10
Y5
6
6
A11
Y4
7
7
A12
Y0
8
8
A13
Y1
9
9
A0
Y2
17
19
A1
Y3
18
20
A2
X0
19
21
A3
X1
20
22
A4
X2
21
23
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C164-15PC
P9
22-Lead (300-Mil) Molded DIP
Commercial
CY7C164-15VC
V13
24-Lead Molded SOJ
20
CY7C164-20PC
P9
22-Lead (300-Mil) Molded DIP
Commercial
CY7C164-20VC
V13
24-Lead Molded SOJ
25
CY7C164-25PC
P9
22-Lead (300-Mil) Molded DIP
Commercial
CY7C164-25VC
V13
24-Lead Molded SOJ
35
CY7C164-35PC
P9
22-Lead (300-Mil) Molded DIP
Commercial
CY7C164-35VC
V13
24-Lead Molded SOJ
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C166-15PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C166-15VC
V13
24-Lead Molded SOJ
20
CY7C166-20PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C166-20VC
V13
24-Lead Molded SOJ
25
CY7C166-25PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C166-25VC
V13
24-Lead Molded SOJ
35
CY7C166-35PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C166-35VC
V13
24-Lead Molded SOJ


Similar Part No. - CY7C166-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C166-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com