Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2431X Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2431X
Description  1024-Bit 1-Wire EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2431X Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2431X Datasheet HTML 2Page - Dallas Semiconductor DS2431X Datasheet HTML 3Page - Dallas Semiconductor DS2431X Datasheet HTML 4Page - Dallas Semiconductor DS2431X Datasheet HTML 5Page - Dallas Semiconductor DS2431X Datasheet HTML 6Page - Dallas Semiconductor DS2431X Datasheet HTML 7Page - Dallas Semiconductor DS2431X Datasheet HTML 8Page - Dallas Semiconductor DS2431X Datasheet HTML 9Page - Dallas Semiconductor DS2431X Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DS2431: 1024-Bit, 1-Wire EEPROM
6 of 23
Figure 5. Memory Map
ADDRESS RANGE
TYPE
DESCRIPTION
PROTECTION CODES
0000h to 001Fh
R/(W)
Data Memory Page 0
0020h to 003Fh
R/(W)
Data Memory Page 1
0040h to 005Fh
R/(W)
Data Memory Page 2
0060h to 007Fh
R/(W)
Data Memory Page 3
0080h
1)
R/(W)
Protection Control Byte
Page 0
55h: Write Protect P0; AAh: EPROM mode
P0; 55h or AAh: Write Protect 80h
0081h
1)
R/(W)
Protection Control Byte
Page 1
55h: Write Protect P1; AAh: EPROM mode
P1; 55h or AAh: Write Protect 81h
0082h
1)
R/(W)
Protection Control Byte
Page 2
55h: Write Protect P2; AAh: EPROM mode
P2; 55h or AAh: Write Protect 82h
0083h
1)
R/(W)
Protection Control Byte
Page 3
55h: Write Protect P3; AAh: EPROM mode
P3; 55h or AAh: Write Protect 83h
0084h
1)
R/(W)
Copy Protection Byte
55h or AAh: Copy Protect 0080:008Fh, and
any write-protected Pages
0085h
R
Factory byte. Set at
Factory.
AAh:Write Protect 85h, 86h, 87h;
55h: Write Protect 85h, unprotect 86h, 87h
0086h
R/(W)
User Byte/Manufacturer ID
0087h
R/(W)
User Byte/Manufacturer ID
0088h to 008Fh
N/A
Reserved
1) Once programmed to AAh or 55h this address becomes read-only. All other codes can be stored but will neither
write-protect the address nor activate any function.
MEMORY
Data memory and registers are located in a linear address space, as shown in Figure 5. The data memory and the
registers have unrestricted read access. The DS2431 EEPROM array consists of 18 rows of 8 bytes each. The first
16 rows are divided equally into 4 memory pages (32 bytes each). These 4 pages are the primary data memory.
Each page can be individually set to open (unprotected), write protected, or EPROM mode by setting the
associated protection byte in the register row. The last two rows contain protection registers, and reserved bytes.
The register row consists of 4 protection control bytes, a copy protection byte, the factory byte, and two user
byte/manufacture ID bytes. The manufacturer ID can be a customer-supplied identification code that assists the
application software in identifying the product the DS2431 is associated with. Contact the factory to set up and
register a custom manufacturer ID. The last row is reserved for future use. It is undefined in terms of R/W
functionality and should not be used.
In addition to the main EEPROM array, an 8-byte volatile scratchpad is included. Writes to the EEPROM array are
a two-step process. First, data is written to the scratchpad, and then copied into the main array. This allows the
user to first verify the data written to scratchpad prior to copying into the main array. The device only supports full
row (8-byte) copy operations. In order for data in the scratchpad to be valid for a copy operation, the address
supplied with a Write Scratchpad must start on a row boundary, and 8 full bytes must be written into the
scratchpad.


Similar Part No. - DS2431X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431X++ MAXIM-DS2431X+ Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431X++ MAXIM-DS2431X+ Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431X++ MAXIM-DS2431X+ Datasheet
392Kb / 26P
   1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Rev 10; 3/11
DS2431X++ MAXIM-DS2431X+ Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431X++ MAXIM-DS2431X+ Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
More results

Similar Description - DS2431X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com