Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1702UE6 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1702UE6
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1702UE6 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1702UE6 Datasheet HTML 1Page - Texas Instruments PCM1702UE6 Datasheet HTML 2Page - Texas Instruments PCM1702UE6 Datasheet HTML 3Page - Texas Instruments PCM1702UE6 Datasheet HTML 4Page - Texas Instruments PCM1702UE6 Datasheet HTML 5Page - Texas Instruments PCM1702UE6 Datasheet HTML 6Page - Texas Instruments PCM1702UE6 Datasheet HTML 7Page - Texas Instruments PCM1702UE6 Datasheet HTML 8Page - Texas Instruments PCM1702UE6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
PCM1702
BiCMOS Advanced Sign Magnitude 20-Bit
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
FEATURES
q ULTRA LOW –96dB max THD+N
(No External Adjustment Required)
q NEAR-IDEAL LOW LEVEL OPERATION
q GLITCH-FREE OUTPUT
q 120dB SNR TYP (A-Weight Method)
q INDUSTRY STD SERIAL INPUT FORMAT
q FAST (200ns) CURRENT OUTPUT
(
±1.2mA)
q CAPABLE OF 16X OVERSAMPLING
q COMPLETE WITH REFERENCE
q LOW POWER (150mW typ)
49%
FPO
The PCM1702 is a precision 20-bit digital-to-analog
converter with ultra-low distortion (–96dB typ with a
full scale output). Incorporated into the PCM1702 is
an advanced sign magnitude architecture that elimi-
nates unwanted glitches and other nonlinearities around
bipolar zero. The PCM1702 also features a very low
noise (120dB typ SNR: A-weighted method) and fast
settling current output (200ns typ, 1.2mA step) which
is capable of 16X oversampling rates.
Applications include very low distortion frequency
synthesis and high-end consumer and professional
digital audio applications.
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Reference
and
Servo
I
OUT
DCOM
LE
Data
Clock
BPO DC
Bipolar Offset
Balanced Current
Segment DAC A
Input Shift Register
and Control Logic
Balanced Current
Segment DAC B
SERV DC
RF DC
ACOM
+V
CC
–V
CC
PCM1702P
PCM1702U
© 1993 Burr-Brown Corporation
PDS-1175B
Printed in U.S.A. June, 1995
®
SBAS026


Similar Part No. - PCM1702UE6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702UE6 BURR-BROWN-PCM1702UE6 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702UE6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com