Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1750UG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1750UG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1750UG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1750UG4 Datasheet HTML 4Page - Texas Instruments PCM1750UG4 Datasheet HTML 5Page - Texas Instruments PCM1750UG4 Datasheet HTML 6Page - Texas Instruments PCM1750UG4 Datasheet HTML 7Page - Texas Instruments PCM1750UG4 Datasheet HTML 8Page - Texas Instruments PCM1750UG4 Datasheet HTML 9Page - Texas Instruments PCM1750UG4 Datasheet HTML 10Page - Texas Instruments PCM1750UG4 Datasheet HTML 11Page - Texas Instruments PCM1750UG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
®
PCM1750
8
occurs during the SAMPLE period (see the timing diagram
shown in Figure 2). These errors are stored on the AC
coupling capacitors (CAZ1 to CAZ4, shown in Figure 1)
between the gain stages. During the SAMPLE period the
inputs to gain stages A1 and A2 and the latch are grounded
by switches H1, H2, and AZ1 to AZ4. Capacitors CAZ1 and
CAZ2 track the amplified offset voltage of gain stage A1
and capacitors CAZ3 and CAZ4 do the same for A2. At the
beginning of a conversion cycle, the autozeroing switches
open and the instantaneous amplified value of both the DC
offset voltage and the low-frequency flicker noise is stored
on the coupling capacitors to produce zero comparator offset
during a conversion cycle.
SUCCESSIVE APPROXIMATION
CONVERSION PROCESS
The timing diagram in Figure 2 illustrates the successive
approximation routine of the PCM1750. Control signals
CONVERT and CLK are derived from a master system
clock which comes from a 256fS (256 X the base sampling
frequency of 48kHz) clock used by the optional digital filter.
There are 64 clocks shown in the timing diagram because the
PCM1750 is shown operating at 4 times the standard 48kHz
sample rate (192kHz).
Several events occur on the rising edge of the CONVERT
command. Switches AZ1 to AZ4, H1 and H2 open and
switch S1 reconnects the MSB capacitor, C1, from VIN to
analog common (see Figure 1). This terminates the com-
parator auto-zero cycle and simultaneously switches (co-
phase sampling) both converters from tracking their respec-
tive input signals into the HOLD mode, thus capturing the
instantaneous value of VIN (with a small delay specified as
the aperture time).
At the start of a conversion cycle when S1 is switched to
analog common, the sampled input signal VIN will appear at
the comparator input as –VIN/2 due to the 2-to-1 capacitive
divider action of Cl = C2 + C3 + ... C18. In a somewhat
similar manner, VREF is transferred to the comparator input
as –VREF/2 to create a bipolar offset.
The 19-bit shift register, shown in Figure 4, controls testing
of the bits of the dual ADCs beginning with bit-1 (MSB) and
proceeding one bit at a time to bit-18 (LSB), leaving ON
those bits that don’t cause the cumulative value of the
CDAC to exceed the original input value and leaving OFF
those bits that do. Since the bits of both channels are tested
together, only one shift register is required to control both
ranks of 18 data latches.
For example, the testing of bit-2 proceeds in the following
manner. The positive pulse from the second shift register
element SR2, (see Figure 2 and 4) is applied to the bit-2 data
latch and NOR gate. The NOR gate in turn drives S2 and
switches bit-2 at the beginning of the bit-2 test interval. Note
that the bit interval must be long enough to allow both the
comparator input to settle and the comparator to respond. On
1
2
18
19
3
*Optional
Digital Filter
54 55 56
57 58 59 60
61 62 63 64
1
23
4
5
6
78
9
10 11 12
T1
T4
T6
T3
T5
T7
T9
REF
T
Convert
Ext Clk In
SOUT
Bit 18
LSB
Bit 1
MSB
Bit 2
Bit 17
T8
T2
PARAMETER
DESCRIPTION
MIN
NOMINAL
MAX
UNITS
T1
(1 x TREF)
Convert Command High
24
33
55
% of T4
T2
(6 x TREF)
S/H Acquisition Time
420
486
ns
T3
(4 x TREF)
Convert to Clock time
281
326
1302
ns
T4
(3 x TREF)
Master Clock Input
211
244
977
ns
T5
(1 x TREF)
Clock High
24
33
55
% of T4
T6
(2 x TREF)
Clock Low
45
67
76
% of T4
T7
Data Hold Time
10
ns
T8
Data Setup Time
100
ns
T9
Data Valid Time
120
154
1212
ns
TCONV (64 x TREF)
Conversion Throughput Time
4.5
5.2
20.8
µs
TREF (Sample Rate /64)
Ext Digital Filter Clock
70
81
326
ns
Note: The nominal timing shown in this diagram is all done automatically by the DF1750 digital filter. Only the
optional digital filter clock is required when the DF1750 is used.
FIGURE 3. PCM1750 Setup and Hold Timing Diagram.


Similar Part No. - PCM1750UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1750UG4 TI-PCM1750UG4 Datasheet
229Kb / 21P
[Old version datasheet]   Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1750UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com