Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5008MMX Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008MMX
Description  Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008MMX Datasheet(HTML) 5 Page - Texas Instruments

  LM5008MMX Datasheet HTML 1Page - Texas Instruments LM5008MMX Datasheet HTML 2Page - Texas Instruments LM5008MMX Datasheet HTML 3Page - Texas Instruments LM5008MMX Datasheet HTML 4Page - Texas Instruments LM5008MMX Datasheet HTML 5Page - Texas Instruments LM5008MMX Datasheet HTML 6Page - Texas Instruments LM5008MMX Datasheet HTML 7Page - Texas Instruments LM5008MMX Datasheet HTML 8Page - Texas Instruments LM5008MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LOAD CURRENT (mA)
40
50
60
70
80
90
100
100
200
300
VIN = 48V
VIN = 15V
VIN = 95V
0
20
40
60
80
100
40
50
60
70
80
90
100
VIN (V)
IOUT = 300 mA
48V
700
600
500
400
300
200
100
0
0
2.5
5.0
10
15
20
VOUT (V)
60V
80V
95V
Max VIN
= 30V
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
VFB (V)
300k
RCL = 500k
100k
50k
300k
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
VIN (V)
RON = 500k
100k
8
9
10
11
12
13
14
EXTERNALLY APPLIED VCC (V)
1.0
1.2
1.4
1.6
1.8
2.0
LM5008
www.ti.com
SNVS280G – APRIL 2004 – REVISED MARCH 2013
Typical Performance Characteristics
Figure 3. ICC Current vs Applied VCC Voltage
Figure 4. ON-Time vs Input Voltage and RON
Figure 5. Maximum Frequency vs VOUT and VIN
Figure 6. Current Limit Off-Time vs VFB and RCL
Figure 7. Efficiency vs VIN
Figure 8. Efficiency vs Load Current vs VIN
(Circuit of Figure 14)
(Circuit of Figure 14)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5008


Similar Part No. - LM5008MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008MMX NSC-LM5008MMX Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
More results

Similar Description - LM5008MMX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com