Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6641A Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6641A
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6641A Datasheet(HTML) 2 Page - Exar Corporation

  SP6641A Datasheet HTML 1Page - Exar Corporation SP6641A Datasheet HTML 2Page - Exar Corporation SP6641A Datasheet HTML 3Page - Exar Corporation SP6641A Datasheet HTML 4Page - Exar Corporation SP6641A Datasheet HTML 5Page - Exar Corporation SP6641A Datasheet HTML 6Page - Exar Corporation SP6641A Datasheet HTML 7Page - Exar Corporation SP6641A Datasheet HTML 8Page - Exar Corporation SP6641A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these ratings or any other
above those indicated in the operation sections of
the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
ELECTRICAL SPECIFICATIONS
VBATT = VSHDN = 1.3V, ILOAD = 0mA, -40°C <TA < +85°C, VOUT = +3.3V or +5.0V preset, typical values at 27°C
unless otherwise noted.
LX, VOUT, SHDN, VBATT to GND pin ....... -0.3 to 6.0V
LX Current .......................................................... 1.5A
Reverse VBATT Current ................................... 220mA
Storage Temperature ........................ -65°C to 150°C
Operating Temperature ..................... -40°C to +85°C
Lead Temperature (Soldering, 10 sec) .......... 300 °C
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating Range,
0.5
4.5
V
after startup
VBATT
Startup Voltage, VBATT
0.85
0.90
V
RLOAD=3kΩ, TA =27°C
1.00
V
RLOAD=3kΩ,-40°C <TA < +85°C
Output Voltage, VOUT
3.16
3.30
3.44
V
3.3V VOUT preset
4.80
5.00
5.20
V
5.0V VOUT preset
Quiescent Current into VOUT,10
15
µAVOUT=3.5V, 3.3V VOUT preset
IQ(OUT)
VOUT=5.5V, 5.0V VOUT preset
Quiescent Current into VBATT,
250
500
nA
VOUT=3.5V, 3.3V VOUT preset
IQB
VOUT=5.5V, 5.0V VOUT preset
Shutdown Current into VOUT,1
500
nA
VSHDN =0V
ISHDN
Shutdown Current into VBATT,20
100
nA
VSHDN =0V
ISHDN
Inductor Current Limit
280
330
380
mA
(SP6641A)
Inductor Current Limit
850
1000
1150
mA
(SP6641B)
Output Current (SP6641AEK-3.3)
90
mA
VBATT =1.3V
190
mA
VBATT =2.6V
Output Current (SP6641BEK-3.3)
200
mA
VBATT =1.3V
500
mA
VBATT =2.6V
Output Current (SP6641AEK-5.0)
100
mA
VBATT =2.0V
175
mA
VBATT =3.3V
Output Current (SP6641BEK-5.0)
275
mA
VBATT =2.0V
500
mA
VBATT =3.3V
Minimum Off-Time Constant
1.50
V*µsTOFF ≥ KOFF / (VOUT – VIN)
KOFF
NMOS Switch Resistance
0.3
0.75
Inmos=100mA
SHDN Input Voltage
Vil
20
%
% of VBATT
Vih
80
%
% of VBATT
SHDN Input Current
1
100
nA


Similar Part No. - SP6641A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
118Kb / 5P
   Low Noise Evaluation Board
SP6641A SIPEX-SP6641A Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com