Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6645EU Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6645EU
Description  Single/Dual Alkaline Cell, High Efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6645EU Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6645EU Datasheet HTML 2Page - Exar Corporation SP6645EU Datasheet HTML 3Page - Exar Corporation SP6645EU Datasheet HTML 4Page - Exar Corporation SP6645EU Datasheet HTML 5Page - Exar Corporation SP6645EU Datasheet HTML 6Page - Exar Corporation SP6645EU Datasheet HTML 7Page - Exar Corporation SP6645EU Datasheet HTML 8Page - Exar Corporation SP6645EU Datasheet HTML 9Page - Exar Corporation SP6645EU Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Date: 11/30/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 17. SP6644/6201 DC/DC LDO Combination
Efficiency vs. Output Current (Vout=3.3V), Rlim=2.5k,
Li=22
µH Sumida CD-43, Refer to Figure 30
Figure 18. SP6644/6201 LDO Line/Load Rejection vs.
Output Current (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 19. SP6644/6201 DC/DC LDO Maximum Load
Current vs. Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 20. SP6644/6201 DC/DC LDO No-Load Ibatt vs.
Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 21. SP6644/6201 DC/DC LDO Output Ripple
Voltage (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 22. Load Transient Response, Vbatt=1.3V,
(Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-43
Figure 23. Line Transient Response, (Vout=3.3V),
Rlim=2.5k, Iload=22
µH Sumida CD-43
Figure 24. Switching Waveforms, (Vout=3.3V),
Vbatt=1.3V, Rlim=2.5k, Iload=10mA, Li=22
µH Sumida
CD-43
Refer to the circuit in
Figure 28, T
AMB = +25
oC unless otherwise noted.
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vb=1.0V
Vb=1.3V
Vb=2.0V
Vb=2.6V
Vb=3.2V
3.032
3.033
3.034
3.035
3.036
3.037
020 40
6080 100 120 140 160 180 200
Iload (mA)
Vb=1.3V
Vb=2.6V
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vbatt (V)
SP6201 Out
10mV/div
SP6644 Out
20mV/div
Li
0.5A/div
V
OUT
50mV/div
V
BATT
50mV/div
V
OUT
50mV/div
V
BATT
1V/div
Li
0.2A/div
V
OUT, VLX,VBATT
1V/div
PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6645EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6645EU SIPEX-SP6645EU Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6645EU SIPEX-SP6645EU Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6645EU SIPEX-SP6645EU Datasheet
145Kb / 5P
   Evaluation Board Manual
SP6645EU SIPEX-SP6645EU Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
More results

Similar Description - SP6645EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Monolithic Power System...
MP3115 MPS-MP3115 Datasheet
622Kb / 8P
   High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
   High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
logo
List of Unclassifed Man...
GP189 ETC1-GP189 Datasheet
146Kb / 1P
   Alkaline Low Drain Button Cell
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
   High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com