Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP805MEP Datasheet(PDF) 4 Page - Exar Corporation

Part # SP805MEP
Description  Low Power Microprocessor Supervisory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP805MEP Datasheet(HTML) 4 Page - Exar Corporation

  SP805MEP Datasheet HTML 1Page - Exar Corporation SP805MEP Datasheet HTML 2Page - Exar Corporation SP805MEP Datasheet HTML 3Page - Exar Corporation SP805MEP Datasheet HTML 4Page - Exar Corporation SP805MEP Datasheet HTML 5Page - Exar Corporation SP805MEP Datasheet HTML 6Page - Exar Corporation SP805MEP Datasheet HTML 7Page - Exar Corporation SP805MEP Datasheet HTML 8Page - Exar Corporation SP805MEP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1 —V
OUT — Output Supply Voltage. VOUT
connects to V
CC when VCC is greater than
V
BATT and VCC is above the reset thresh-
old. When V
CC falls below VBATT and
V
CC is below the reset threshold, VOUT
connects to V
BATT. Connect a 0.1µF
capacitor from V
OUT to GND.
Pin 2 — V
CC — +5V Supply Input
Pin3 — GND — Ground reference for all signals
Pin 4 — PFI — Power-Fail Input. This is the
noninverting input to the power-fail com-
parator. When PFI is less than 1.25V,
PFO goes low. Connect PFI to GND or
V
OUT when not used.
Pin 5 — PFO — Power-Fail Output.
Pin 6 — WDI — Watchdog Input. WDI is a
three level input. If WDI remains high or
low for 1.6sec, the internal watchdog timer
triggers a reset. If WDI is left floating or
connected to a high-impedance tri-state
buffer, the watchdog feature is disabled.
The internal watchdog timer clears when-
ever reset is asserted.
Pin 7 for SP690A/692A/802 only — RESET
(Active Low)– Reset Output. RESET Out-
put goes low whenever V
CC falls below
the reset threshold or whenever WDI
remains high or low longer than 1.6
seconds. RESET remains low for 200ms
after V
CC crosses the reset threshold
voltage on power-up or after being trig-
gered by WDI.
Pin 7 for SP805 only — RESET (Active High)–
Reset Output is the inverse of RESET;
when RESET is asserted, the RESET
output voltage = V
CC
or V
BATT ,
whichever is higher.
Pin 8 — V
BATT — Backup-Battery Input. When
V
CC falls below the reset threshold, VBATT
will be switched to V
OUT if VBATT is
20mV greater than V
CC. When VCC rises
20mV above V
BATT, VOUT will be
reconnected to V
CC.
The 40mV
hysteresis prevents repeated switching if
V
CC falls slowly.
Figure 10. Pinout
Figure 11. Internal Block Diagram
VOUT
VCC
GND
PFI
VBATT
RESET (RESET)*
WDI
PFO
1
2
3
4
5
6
7
8
*( ) SP805 only
1.25V
0.8V
3.5V
1.25V
BATTERY-SWITCHOVER
CIRCUITRY
PFI
WDI
VCC
VBATT
RESET
GENERATOR
VOUT
RESET
(RESET)*
PFO
WATCHDOG
TIMER
*( ) SP805 only


Similar Part No. - SP805MEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP805MEP SIPEX-SP805MEP Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP805MEP SIPEX-SP805MEP Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP805MEP SIPEX-SP805MEP Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP805MEP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP791 EXAR-SP791 Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory
SP691A EXAR-SP691A Datasheet
237Kb / 24P
   Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com