Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1583T5-5-0 Datasheet(PDF) 5 Page - Exar Corporation

Part # SPX1583T5-5-0
Description  1.5A Ultra Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1583T5-5-0 Datasheet(HTML) 5 Page - Exar Corporation

  SPX1583T5-5-0 Datasheet HTML 1Page - Exar Corporation SPX1583T5-5-0 Datasheet HTML 2Page - Exar Corporation SPX1583T5-5-0 Datasheet HTML 3Page - Exar Corporation SPX1583T5-5-0 Datasheet HTML 4Page - Exar Corporation SPX1583T5-5-0 Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Date: Jun 24-04:
SPX1583
ORDERING INFORMATION
Ordering No.
Precision
Output Voltages
Packages
0.6%
Adj
5 Lead TO-220
SPX1583U
5-1-5
0.6%
1.5V
5 Lead TO-220
SPX1583U
5-2-5
0.6%
2.5V
5 Lead TO-220
SPX1583U
5-3-0
0.6%
3.0V
5 Lead TO-220
SPX1583U
5-3-3
0.6%
3.3V
5 Lead TO-220
SPX1583T
5
0.6%
Adj
5 Lead TO-263
SPX1583T
5-1-5
0.6%
1.5V
5 Lead TO-263
SPX1583T
5-2-5
0.6%
2.5V
5 Lead TO-263
SPX1583T
5-3-0
0.6%
3.0V
5 Lead TO-263
SPX1583T
5-3-3
0.6%
3.3V
5 Lead TO-263
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SPX1583U5
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1583T5-3-3/TR = standard; SPX1583T5-L-3-3/TR = lead free.
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
SPX1583T
5-1-8
0.6%
1.8V
5 Lead TO-263
SPX1583T
5-2-8
0.6%
2.8V
5 Lead TO-263
SPX1583T
5-2-85
0.6%
2.8
5V
5 Lead TO-263
SPX1583T
5-5-0
0.6%
5
.0V
5 Lead TO-263


Similar Part No. - SPX1583T5-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1583T SIPEX-SPX1583T Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T SIPEX-SPX1583T Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-2.5 SIPEX-SPX1583T-2.5 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1583T5-5-0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com