Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10KPA64A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 10KPA64A
Description  AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10KPA64A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  10KPA64A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10KPA64A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 10KPA64A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
17
18.99
20.79
50
515.4
5000
29.3
10KPA18CA
18
20.11
22.01
50
488.7
5000
30.9
10KPA20A
10KPA20CA
20
22.34
24.46
20
440.2
1500
34.3
10KPA22A
10KPA22CA
22
24.57
26.91
10
407.0
500
37.1
10KPA24A
10KPA24CA
24
26.81
29.35
5
371.0
150
40.7
10KPA26A
10KPA26CA
26
29.04
31.80
5
343.2
50
44.0
10KPA28A
10KPA28CA
28
31.28
34.24
5
317.9
25
47.5
10KPA30A
10KPA30CA
30
33.51
36.69
5
297.8
15
50.7
10KPA33A
10KPA33CA
33
36.9
40.4
5
276.1
2
54.7
10KPA36A
10KPA36CA
36
40.2
44.0
5
252.5
2
59.8
10KPA40A
10KPA40CA
40
44.7
48.9
5
229.5
2
65.8
10KPA43A
10KPA43CA
43
48.0
52.6
5
216.3
2
69.8
10KPA45A
10KPA45CA
45
50.3
55.0
5
207.4
2
72.8
10KPA48A
10KPA48CA
48
53.6
58.7
5
194.3
2
77.7
10KPA51A
10KPA51CA
51
57.0
62.4
5
182.1
2
82.9
10KPA54A
10KPA54CA
54
60.3
66.0
5
172.2
2
87.7
10KPA58A
10KPA58CA
58
64.8
70.9
5
161.0
2
93.8
10KPA60A
10KPA60CA
60
67.0
73.4
5
155.0
2
97.4
10KPA64A
10KPA64CA
64
71.5
78.3
5
144.9
2
104.2
10KPA70A
10KPA70CA
70
78.2
85.6
5
132.9
2
113.6
10KPA75A
10KPA75CA
75
83.8
91.7
5
123.8
2
122.0
10KPA78A
10KPA78CA
78
87.1
95.4
5
119.7
2
126.1
10KPA85A
10KPA85CA
85
94.9
104.0
5
109.7
2
137.6
10KPA90A
10KPA90CA
90
100.5
110.1
5
103.7
2
145.6
10KPA100A
10KPA100CA
100
111.7
122.3
5
93.6
2
161.3
10KPA110A
10KPA110CA
110
122.9
134.5
5
84.5
2
178.6
10KPA120A
10KPA120CA
120
134.0
146.8
5
78.5
2
192.3
10KPA130A
10KPA130CA
130
145.2
159.0
5
72.5
2
208.3
10KPA150A
10KPA150CA
150
167.6
183.5
5
62.4
2
241.9
10KPA160A
10KPA160CA
160
178.7
195.7
5
58.4
2
258.6
10KPA170A
10KPA170CA
170
189.9
207.9
5
55.4
2
272.7
10KPA180A
10KPA180CA
180
201.1
220.1
5
52.3
2
288.5
10KPA200A
10KPA200CA
200
223.4
244.6
5
47.3
2
319.1
10KPA220A
10KPA220CA
220
245.7
269.1
5
35.2
2
428.6
10KPA240A
10KPA240CA
240
268.1
293.5
5
39.3
2
384.6
10KPA260A
10KPA260CA
260
290.4
318.0
5
36.2
2
416.7
10KPA280A
10KPA280CA
280
312.8
342.4
5
33.2
2
454.5
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double. For parts with A , the V
BR is
±5%
2 of 3
www.sunmate.tw
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I
T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(BI)
(UNI)
10KPA17A
10KPA17CA
10KPA18A


Similar Part No. - 10KPA64A

ManufacturerPart #DatasheetDescription
logo
StarHope
10KPA64A SPSEMI-10KPA64A Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
More results

Similar Description - 10KPA64A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Comchip Technology
SA5V0-G COMCHIP-SA5V0-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA5V0-HF COMCHIP-SA5V0-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Semikron International
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com