Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMC18CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # TPSMC18CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

TPSMC18CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  TPSMC18CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD TPSMC18CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD TPSMC18CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
TPSMC39CA
TPSMC30CA
TPSMC36CA
TPSMC33CA
TPSMC24CA
TPSMC27CA
TPSMC22CA
TPSMC20CA
TPSMC18CA
TPSMC16CA
TPSMC43CA
TPSMC15CA
TPSMC13CA
TPSMC12CA
TPSMC11CA
TPSMC10CA
TPSMC9.1CA
TPSMC8.2CA
TPSMC7.5CA
TPSMC6.8CA
2 of 3
ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified
,
Tj=150
°C
6.12
7.48
5.50
1000
10000
139
10.8
TPSMC6.8A
6.45
7.14
10
5.80
1000
10000
143
10.5
6.75
8.25
10
6.05
500
5000
128
11.7
TPSMC7.5A
7.13
7.88
10
6.40
500
2000
132
11.3
7.38
9.02
10
6.63
200
2000
120
12.5
TPSMC8.2A
7.79
8.61
10
7.02
200
500
124
12.1
8.19
10.0
1.0
7.37
50
500
109
13.8
TPSMC9.1A
8.65
9.55
1.0
7.78
50
200
112
13.4
9.00
11.0
1.0
8.10
20
200
100
15.0
TPSMC10A
9.50
10.5
1.0
8.55
20
50
103
14.5
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
TPSMC11A
10.5
11.6
1.0
9.40
5.0
10
96.2
15.6
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
TPSMC12A
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
TPSMC13A
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
13.5
16.5
1.0
12.1
1.0
10
68.2
22.0
TPSMC15A
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
TPSMC16A
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
TPSMC18A
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
TPSMC20A
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
TPSMC22A
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
TPSMC24A
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
TPSMC27A
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
TPSMC30A
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
TPSMC33A
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
32.4
39.6
1.0
29.1
1.0
10
28.8
52.0
TPSMC36A
34.2
37.8
1.0
30.8
1.0
10
30.1
49.9
35.1
42.9
1.0
31.6
1.0
10
26.6
56.4
TPSMC39A
37.1
41.0
1.0
33.3
1.0
10
27.8
53.9
38.7
47.3
1.0
34.8
1.0
10
24.2
61.9
TPSMC43A
40.9
45.2
1.0
36.8
1.0
10
25.3
59.3
Notes :
(1) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
(2) Surge current waveform per Fig. 5 and derate per Fig. 1
(3) "PSMC" will be omitted in marking on the diode.
Type
www.sunmate.tw
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I
T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT(mA)
VC(V)
IPP(A)
IR(uA)
I (uA)
Maximum
Reverse
Leakage
RWM
@V
10


Similar Part No. - TPSMC18CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TPSMC18CA SUNMATE-TPSMC18CA Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
TPSMC18CA SUNMATE-TPSMC18CA Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Anova Technologies CO.,...
TPSMC18CA ANOVA-TPSMC18CA Datasheet
307Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMC18CA UNSEMI-TPSMC18CA Datasheet
2Mb / 6P
   12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - TPSMC18CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com