Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1044 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1044
Description  Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1044 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1044 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1044 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT10XX series (HT1030, HT1031, +3.0V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance
5V
IOUT=10mA
2.85
3.0
3.15
V
IOUT
Output Current
5V
20
30
mA
VOUT
Load Regulation
5V
1mA
IOUT20mA
60
100
mV
VDIF
Voltage Dropout
IOUT=1mA
60
mV
ISS
Current Consumption
5V
No load
2.5
6.0
µA
VOUT
VIN VOUT
Line Regulation
4V
VIN12V
IOUT=1mA
0.2
%/V
VIN
Input Voltage
12
V
VOUT
Ta
Temperature Coefficient
5V
IOUT=10mA
0°C<Ta<70°C
±0.45
mV/°C
HT10XX series (HT1033, HT1034, +3.3V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance 5.5V IOUT=10mA
3.135
3.3
3.465
V
IOUT
Output Current
5.5V
20
30
mA
VOUT
Load Regulation
5.5V 1mA
IOUT30mA
60
100
mV
VDIF
Voltage Dropout
IOUT=1mA
60
mV
ISS
Current Consumption
5.5V No load
2.5
6.0
µA
VOUT
VIN VOUT
Line Regulation
4.5V
VIN12V
IOUT=1mA
0.2
%/V
VIN
Input Voltage
12
V
VOUT
Ta
Temperature Coefficient
5.5V
IOUT=10mA
0°C<Ta<70°C
±0.5
mV/°C
HT10XX
4
3rd Oct ’96


Similar Part No. - HT1044

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT104/DF7-1618 HIROSE-HT104/DF7-1618 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
HT104/DF7-2022 HIROSE-HT104/DF7-2022 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
HT104/MDF27-1822P HIROSE-HT104/MDF27-1822P Datasheet
205Kb / 4P
   Crimp Contact for Direct Joining Thick Wire PCB
HT104/PX50-3 HIROSE-HT104/PX50-3 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
HT104/QR/P17-1 HIROSE-HT104/QR/P17-1 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
More results

Similar Description - HT1044

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com