Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB2031 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74FB2031
Description  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2031 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74FB2031 Datasheet HTML 4Page - Texas Instruments SN74FB2031 Datasheet HTML 5Page - Texas Instruments SN74FB2031 Datasheet HTML 6Page - Texas Instruments SN74FB2031 Datasheet HTML 7Page - Texas Instruments SN74FB2031 Datasheet HTML 8Page - Texas Instruments SN74FB2031 Datasheet HTML 9Page - Texas Instruments SN74FB2031 Datasheet HTML 10Page - Texas Instruments SN74FB2031 Datasheet HTML 11Page - Texas Instruments SN74FB2031 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Jan-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74FB2031RC
OBSOLETE
QFP
RC
52
TBD
Call TI
Call TI
0 to 70
FB2031
SN74FB2031RCG3
ACTIVE
QFP
RC
52
96
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
0 to 70
FB2031
SN74FB2031RCR
OBSOLETE
QFP
RC
52
TBD
Call TI
Call TI
0 to 70
FB2031
SN74FB2031RCRG3
ACTIVE
QFP
RC
52
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
0 to 70
FB2031
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - SN74FB2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RC TI-SN74FB2031RC Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

Similar Description - SN74FB2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com