Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556V Datasheet(PDF) 10 Page - Texas Instruments

Part # NE556V
Description  Dual Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE556V Datasheet(HTML) 10 Page - Texas Instruments

Back Button NE556V Datasheet HTML 6Page - Texas Instruments NE556V Datasheet HTML 7Page - Texas Instruments NE556V Datasheet HTML 8Page - Texas Instruments NE556V Datasheet HTML 9Page - Texas Instruments NE556V Datasheet HTML 10Page - Texas Instruments NE556V Datasheet HTML 11Page - Texas Instruments NE556V Datasheet HTML 12Page - Texas Instruments NE556V Datasheet HTML 13Page - Texas Instruments NE556V Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
B
B
B
R
D =
R
R
2
1
2
+
o
A
A
f
R
R
C
1
2
1.44
((
2
) )
=
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LM556
Vout
Vin
0.01 µF
10 µF
100 µF
0.01 µF
0.01 µF
R2A
R1A
R1B
R2B
LM556
SNAS549A – MARCH 2000 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM556 timer can be used in various configurations. A typical application for the LM556 timer in astable
mode is to drive an audio device (such as a beeper) to provide a pulsed sound. This simple application can be
modified to fit any application requirement.
8.2 Typical Application
Figure 13. Typical Application
8.2.1 Design Requirements
The main design requirements for this application require setting one of the timers (Timer A in this case) to the
same resonant frequency as the piezo transducer which can be set by choosing R1A, R2A, and CA with
Equation 1:
(1)
The other design choice is to decide how often and long to produce the bleeping sound. This can be set by
choosing R1B and R2B of Timer B (acts as the reset button for Timer A) with Equation 2:
(2)
Other useful design equations like Equation 3 and Equation 4 are given below where th represents the time it
takes to charge the capacitor of each individual timer and tl represents the time it takes to discharge the
capacitor.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM556


Similar Part No. - NE556V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE556V TI-NE556V Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
More results

Similar Description - NE556V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com