Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2014PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL2014PWR
Description  4-Channel LVTTL to GTL Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2014PWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74GTL2014PWR Datasheet HTML 1Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 2Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 3Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 4Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 5Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 6Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 7Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 8Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GTL2014
DIR
B0
B1
VREF
B2
GND
VCC
A0
A1
GND
A2
A3
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
B3
SN74GTL2014
www.ti.com
SCLS746A – FEBRUARY 2014 – REVISED OCTOBER 2014
5 Pin Configuration and Functions
TSSOP Package (14 Pin)
(Top View)
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
A0
13
A01
12
LVTTL data input/output
A02
10
A03
9
B0
2
B01
3
GTL data input/output
B02
5
B03
6
DIR
1
Direction control input (LVTTL)
7
GND
8
Ground
11
VCC
14
Supply voltage
VREF
4
GTL reference voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74GTL2014


Similar Part No. - SN74GTL2014PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI1-SN74GTL2010PW Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2014PWR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
   4-bit LVTTL to GTL transceiver
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
   4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
   4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com