Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCE64A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ULCE64A
Description  ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ULCE64A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ULCE64A Datasheet HTML 1Page - SUNMATE electronic Co., LTD ULCE64A Datasheet HTML 2Page - SUNMATE electronic Co., LTD ULCE64A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER: 1500 Wa t t s
VOLTAGE RANGE: 6.5- 9 0 V
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
ULCE6.5A(CA) - ULCE90A(CA)
1 of 3
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-201 Molded plastic
Excellent clamping capability
capability on 10/1000
µs waveform
method 208 guaranteed
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Peak Pulse Power Surge Current on 10/1000
µs
Waveform (Fig. 3, Note 1)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
PPPM
Minimum 1500
Watts
IRSM
See Table 1.
Amps.
PD
5.0
Watts
1500W Peak Pulse Surge reverse
Low incremental surge resistance
Fast response time : typically less than 5.0 ns
from 0 volts to BV
Polarity : Color band denotes positive end on the
Transorb (cathode)
Mounting position : Any
Features
Mechanical Data
Maximum Ratings
www.sunmate.tw
!
!
!
!
!
!
!
!
!
!
!
Weight: 1.20 grams (approx.)
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Characteristic


Similar Part No. - ULCE64A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ULCE64A EIC-ULCE64A Datasheet
56Kb / 3P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
ULCE64A SUNMATE-ULCE64A Datasheet
89Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - ULCE64A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
   Low Capacitance Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
ULCE EIC-ULCE Datasheet
56Kb / 3P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS5V0BULC CENTRAL-CFTVS5V0BULC Datasheet
1Mb / 6P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Thinki Semiconductor Co...
GBLC03C THINKISEMI-GBLC03C Datasheet
3Mb / 4P
   Ultra Low Capacitance Transient Voltage Suppressor Arrays
logo
Rectron Semiconductor
ESD5.0LM9 RECTRON-ESD5.0LM9 Datasheet
125Kb / 3P
   Ultra Low Capacitance of Transient Voltage Suppressor
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com