Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1487 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1487
Description  Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1487 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS1487 Datasheet HTML 1Page - National Semiconductor (TI) DS1487 Datasheet HTML 2Page - National Semiconductor (TI) DS1487 Datasheet HTML 3Page - National Semiconductor (TI) DS1487 Datasheet HTML 4Page - National Semiconductor (TI) DS1487 Datasheet HTML 5Page - National Semiconductor (TI) DS1487 Datasheet HTML 6Page - National Semiconductor (TI) DS1487 Datasheet HTML 7Page - National Semiconductor (TI) DS1487 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Parameter Measurement Information (Continued)
Pin Descriptions
Pin
#
I/O
Name
Function
1
O
RO
Receiver Output: If A > B by 200 mV, RO will be high; If A < B by 200 mV, RO will be low. RO will
be high also if the inputs (A and B) are open (non-terminated).
2
I
RE (Note 1)
Receiver Output Enable: RO is enabled when RE (Note 1) is low; RO is in TRI-STATE when RE
(Note 1) is high.
3
I
DE
Driver Output Enable: The driver outputs (A and B) are enabled when DE is high; they are in
TRI-STATE when DE is low. Pins A and B also function as the receiver input pins (see below).
4
I
DI
Driver Input: A low on DI forces A low and B high while a high on DI forces A high and B low when
the driver is enabled.
5
NA
GND
Ground
6
I/O
A
Non-inverting Driver Output and Receiver Input pin. Driver output levels conform to RS-485 signaling
levels.
7
I/O
B
Inverting Driver Output and Receiver Input pin. Driver output levels conform to RS-485 signaling
levels.
8NA
V
CC
Power Supply: 4.75V
≤ V
CC ≤ 5.25V
Applications Information
The DS1487 is a low power transceiver designed for use in
RS-485 multipoint applications. The DS1487 can transmit
data up to 2.0 Mbps based on a ratio of driver transition time
to the unit interval (bit time) of 10%. This maximum data rate
may be further limited by the interconnecting media. The
DS1487 provides a 14 unit load to the RS-485 bus across the
common mode range of −7V to +12V. This allows up to 128
transceivers (14 unit load) to be connected to the bus. The
DS1487 also guarantees the driver’s output differential volt-
age into a worst case load that models standard termination
loads and 32 unit loads (=128 DS1487’s) referenced to the
maximum common mode voltage extremes. With a minimum
of 1.5V swing into this load, a 1.3V differential noise margin
is supported along with the standard common mode rejec-
tion range of the receivers.
DS012920-13
*Note: Non Terminated, Open Input only
FIGURE 12.
DS012920-14
*Note: Non Terminated, Open Input only
FIGURE 13.
www.national.com
5


Similar Part No. - DS1487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1487 TI1-DS1487 Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
DS1487M TI1-DS1487M Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
DS1487M/NOPB TI1-DS1487M/NOPB Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
DS1487MX TI1-DS1487MX Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
DS1487MX/NOPB TI1-DS1487MX/NOPB Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
More results

Similar Description - DS1487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
74Kb / 9P
   1/10th Unit Load RS-485 Transceiver
logo
Exar Corporation
SP485R EXAR-SP485R Datasheet
608Kb / 9P
   1/10th Unit Load RS-485 Transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
156Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com