Electronic Components Datasheet Search |
|
SN74GTLP1394RGYR Datasheet(PDF) 8 Page - Texas Instruments |
|
SN74GTLP1394RGYR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 23 page www.ti.com PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR Y OUTPUTS S1 Open GND 500 Ω 500 Ω TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 6 V GND tPLH tPHL Output Control Output Waveform 1 S1 at 6 V (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 3 V 0 V VOH VOL 0 V VOL + 0.3 V VOH − 0.3 V ≈0 V Input 3 V 3 V VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (A input to B port) Output 1.5 V Test Point CL = 30 pF (see Note A) From Output Under Test 12.5 Ω LOAD CIRCUIT FOR B OUTPUTS 0 V VOH VOL Input VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (B port to Y output) Output 1.5 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≈ 10 MHz, ZO = 50 Ω, tr ≈ 2 ns, tf ≈ 2 ns. D. The outputs are measured one at a time, with one transition per measurement. 6 V tPLH tPHL 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1 V 1 V 1 V 1 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES (A input) SN74GTLP1394 2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY SCES286F – OCTOBER 1999 – REVISED APRIL 2005 Figure 1. Load Circuits and Voltage Waveforms 8 |
Similar Part No. - SN74GTLP1394RGYR |
|
Similar Description - SN74GTLP1394RGYR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |