Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLP1394PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTLP1394PWR
Description  2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLP1394PWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74GTLP1394PWR Datasheet HTML 1Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 2Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 3Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 4Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 5Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 6Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 7Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 8Page - Texas Instruments SN74GTLP1394PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
D, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
GND
B1
GND
B2
GND
VREF
Y1
Y2
VCC
A1
A2
OEAB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OEBY
Y1
Y2
VCC
A1
A2
OEAB
ERC
BIAS VCC
GND
B1
GND
B2
GND
VREF
T/C
DESCRIPTION/ORDERING INFORMATION
SN74GTLP1394
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES286F – OCTOBER 1999 – REVISED APRIL 2005
Data-Transfer Rate and Signal Integrity in
Distributed Loads
TI-OPC™ Circuitry Limits Ringing on
Unevenly Loaded Backplanes
Ioff, Power-Up 3-State, and BIAS VCC Support
Live Insertion
OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
Polarity Control Selects True or
Complementary Outputs
Bidirectional Interface Between GTLP Signal
Levels and LVTTL Logic Levels
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Split LVTTL Port Provides a Feedback Path
for Control and Diagnostics Monitoring
ESD Protection Exceeds JESD 22
LVTTL Interfaces Are 5-V Tolerant
– 2000-V Human-Body Model (A114-A)
High-Drive GTLP Outputs (100 mA)
– 200-V Machine Model (A115-A)
LVTTL Outputs (–24 mA/24 mA)
– 1000-V Charged-Device Model (C101)
Variable Edge-Rate Control (ERC) Input
Selects GTLP Rise and Fall Times for Optimal
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
SN74GTLP1394RGYR
GP1394
Tube
SN74GTLP1394D
SOIC – D
GTLP1394
–40°C to 85°C
Tape and reel
SN74GTLP1394DR
TSSOP – PW
Tape and reel
SN74GTLP1394PWR
GP394
TVSOP – DGV
Tape and reel
SN74GTLP1394DGVR
GP394
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-OPC, OEC, TI are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74GTLP1394PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1394PWR TI-SN74GTLP1394PWR Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Similar Description - SN74GTLP1394PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com