Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC04-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC04-Q1
Description  HEX INVERTHER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC04-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74HC04-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74HC04Q1
HEX INVERTER
SCLS583A − MAY 2004 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN74HC04Q
SN74HC04I
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN74HC04Q
SN74HC04I
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
45
95
145
120
tpd
A
Y
4.5 V
9
19
29
24
ns
tpd
A
Y
6 V
8
16
25
20
ns
2 V
38
75
110
95
tt
Y
4.5 V
8
15
22
19
ns
tt
Y
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF


Similar Part No. - SN74HC04-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04-Q1 TI-SN74HC04-Q1 Datasheet
117Kb / 7P
[Old version datasheet]   HEX INVERTER
SN74HC04-Q1 TI1-SN74HC04-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
More results

Similar Description - SN74HC04-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
logo
Texas Instruments
SN74AUCU04 TI-SN74AUCU04 Datasheet
174Kb / 1P
[Old version datasheet]   HEX INVERTER
SN54ALS1034 TI-SN54ALS1034_07 Datasheet
635Kb / 16P
[Old version datasheet]   HEX DRIVERS
54AC11034 TI-54AC11034 Datasheet
67Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
logo
Integral Corp.
IN74LVU04 INTEGRAL-IN74LVU04 Datasheet
140Kb / 6P
   HEX INVERTER
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
Toshiba Semiconductor
TC74HCU04AP TOSHIBA-TC74HCU04AP Datasheet
189Kb / 5P
   HEX INVERTER
logo
Fairchild Semiconductor
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
75Kb / 8P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com