Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3PHACVP Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC3PHACVP
Description  3-Phase AC Motor Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3PHACVP Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC3PHACVP Datasheet HTML 4Page - Motorola, Inc MC3PHACVP Datasheet HTML 5Page - Motorola, Inc MC3PHACVP Datasheet HTML 6Page - Motorola, Inc MC3PHACVP Datasheet HTML 7Page - Motorola, Inc MC3PHACVP Datasheet HTML 8Page - Motorola, Inc MC3PHACVP Datasheet HTML 9Page - Motorola, Inc MC3PHACVP Datasheet HTML 10Page - Motorola, Inc MC3PHACVP Datasheet HTML 11Page - Motorola, Inc MC3PHACVP Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MC3PHAC/D
8
3-Phase AC Motor Controller
MOTOROLA
15
FAULTIN
A logic high on this input will immediately disable the PWM outputs. A
retry timeout interval will be initiated once this pin returns to a logic low
state.
16
PWMFREQ_RxD
In standalone mode, this pin is an output that drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the
desired PWM frequency. In PC master software mode, this pin is an
input which receives UART serial data.
17
RETRY_TxD
In standalone mode, this pin is an output that drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the time
to wait after a fault before re-enabling the PWM outputs. In PC master
software mode, this pin is an output that transmits UART serial data.
18
RBRAKE
Output which is driven to a logic high whenever the voltage on the dc bus
input pin exceeds a preset level, indicating a high bus voltage. This
signal is intended to connect a resistor across the dc bus capacitor to
prevent excess capacitor voltage.
19
DT_FAULTOUT
In standalone mode, this pin is an output which drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the
dead-time between the on states of the top and bottom PWM signals for
a given motor phase. In PC master software mode, this pin is an output
which goes low whenever a fault condition occurs.
20
VBOOST_MODE
At startup, this input is sampled to determine whether to enter standalone
mode (logic high) or PC master software mode (logic low). In
standalone mode, this pin is also used as an output that drives low to
indicate the parameter mux input pin is reading an analog voltage to
specify the amount of voltage boost to apply to the motor.
21
VDD
+5-volt digital power supply to the MC3PHAC
22
VSS
Digital power supply ground return for the MC3PHAC
23
FWD
Input which is sampled to determine whether the motor should rotate in
the forward or reverse direction
24
START
Input which is sampled to determine whether the motor should be
running.
25
MUX_IN
In standalone mode, during initialization this pin is an output that is used
to determine PWM polarity and base frequency. Otherwise, it is an
analog input used to read several voltage levels that specify MC3PHAC
operating parameters.
Table 2. MC3PHAC Pin Descriptions (Sheet 2 of 3)
Pin
Number
Pin Name
Pin Function
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3PHACVP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
418Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
MC3PHACVPE FREESCALE-MC3PHACVPE Datasheet
423Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
More results

Similar Description - MC3PHACVP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
logo
Rohm
BD62012AFS ROHM-BD62012AFS Datasheet
895Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62013AFS ROHM-BD62013AFS Datasheet
897Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62012FS ROHM-BD62012FS Datasheet
601Kb / 23P
   3-Phase Brushless Fan Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com