Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3PHACVP Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC3PHACVP
Description  3-Phase AC Motor Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3PHACVP Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC3PHACVP Datasheet HTML 6Page - Motorola, Inc MC3PHACVP Datasheet HTML 7Page - Motorola, Inc MC3PHACVP Datasheet HTML 8Page - Motorola, Inc MC3PHACVP Datasheet HTML 9Page - Motorola, Inc MC3PHACVP Datasheet HTML 10Page - Motorola, Inc MC3PHACVP Datasheet HTML 11Page - Motorola, Inc MC3PHACVP Datasheet HTML 12Page - Motorola, Inc MC3PHACVP Datasheet HTML 13Page - Motorola, Inc MC3PHACVP Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MC3PHAC/D
10
3-Phase AC Motor Controller
MOTOROLA
Introduction
The MC3PHAC is a high-performance intelligent controller designed
specifically to meet the requirements for low-cost, variable-speed,
3-phase ac motor control systems. The device is adaptable and configurable,
based on its environment. Constructed with high-speed CMOS
(complementary metal-oxide semiconductor) technology, the MC3PHAC offers
a high degree of performance and ruggedness in the hostile environments
often found in motor control systems.
The device consists of:
6-output pulse-width modulator (PWM)
4-channel analog-to-digital converter (ADC)
Phase-lock loop (PLL) based system oscillator
Low-power supply voltage detection circuit
Serial communications interface (SCI)
The serial communications interface is used in a mode, called PC master
software mode, whereby control of the MC3PHAC is from a host or master
personal computer executing PC master software or a microcontroller
emulating PC master software commands. In either case, control via the
internet is feasible.
Included in the MC3PHAC are protective features consisting of dc bus
monitoring and a system fault input that will immediately disable the PWM
module upon detection of a system fault.
Included motor control features include:
Open loop volts/Hertz speed control
Forward or reverse rotation
Start/stop motion
System fault input
Low-speed voltage boost
Internal power-on reset (POR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3PHACVP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
418Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
MC3PHACVPE FREESCALE-MC3PHACVPE Datasheet
423Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
More results

Similar Description - MC3PHACVP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
logo
Rohm
BD62012AFS ROHM-BD62012AFS Datasheet
895Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62013AFS ROHM-BD62013AFS Datasheet
897Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62012FS ROHM-BD62012FS Datasheet
601Kb / 23P
   3-Phase Brushless Fan Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com