Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5080 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5080
Description  Modular Current Sharing Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5080 Datasheet HTML 4Page - Texas Instruments LM5080 Datasheet HTML 5Page - Texas Instruments LM5080 Datasheet HTML 6Page - Texas Instruments LM5080 Datasheet HTML 7Page - Texas Instruments LM5080 Datasheet HTML 8Page - Texas Instruments LM5080 Datasheet HTML 9Page - Texas Instruments LM5080 Datasheet HTML 10Page - Texas Instruments LM5080 Datasheet HTML 11Page - Texas Instruments LM5080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NRND
LM5080
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
OPERATING DESCRIPTION
Identical regulators connected in parallel will theoretically share the total load current equally. However, slight
mismatches in the reference voltage or feedback dividers of each regulator can cause significant imbalances in
the load current sharing. The LM5080 senses the load current of each regulator with an external sense resistor
and makes adjustments to the regulator’s output voltage to achieve nearly equal current sharing. There are four
possible implementations for the LM5080:
Reference Adjust Mode achieves current sharing by adjusting the regulator reference voltage by applying an
error current from the TRO transconductance amplifier to the trim or adjust pin of the regulator.
Remote Sense Positive Mode achieves current sharing by adjusting the positive remote sense pin of the power
converter with current supplied by the RSO buffer amplifier output.
Remote Sense Negative Mode achieves current sharing by adjusting the negative remote sense pin of the
power converter with current supplied by the RSO buffer amplifier output.
Feedback Adjust Mode achieves current sharing by adjusting the regulator feedback voltage by applying an
error current from the TRO transconductance amplifier to the feedback resistor divider.
In each mode, the LM5080 combines the regulator’s load current information with the total load information on
the share (SHR) bus to create an error current on the TRO output which is proportional to the load current
mismatch. In the reference adjust or feedback adjust modes of operation, the output of the current share
amplifier (CSA) is fed directly into the regulator reference or feedback divider. The RSO buffer can optionally be
used to boost the transconductance of the CSA if needed. In the remote sense adjust modes, the RSO and CSO
pins are tied together which reconfigures the CSA as a voltage error amplifier where the RSO buffer drives the
remote sense pins of the regulator directly.
CURRENT SHARE AMPLIFIER
The current share amplifier is a low input offset transconductance amplifier with inputs CSP and CSM and dual
outputs, TRO and CSO. The two outputs are identical except TRO is current limited to approximately ±10 µA in
order to limit the maximum correction of the regulator reference in the trim adjust and feedback adjust modes.
The outputs can operate down to 450 mV without saturating which allows the TRO output to adjust reference
voltages as low as 500 mV. A capacitor from TRO to ground (CTRO) is used for frequency compensation of the
current share loop.
In the two remote sense adjust modes, the current share amplifier is configured as a unity gain differential
voltage amplifier by tying RSO to CSO. A capacitor from TRO to ground (CTRO) is used for frequency
compensation of the amplifier and the current share loop.
RSO BUFFER
The RSO buffer is a low-offset unity-gain operational amplifier that has different uses, depending on the mode of
operation. In the remote sense adjust modes, the RSO pin is externally tied to the CSO pin to create a
differential voltage amplifier that can drive the 10
Ω input impedance of the remote sense pin of typical power
converter modules. The RSO buffer can source or sink 10mA at an output voltage as low as 20mV above
ground. With RSO load resistors of 10
Ω, the buffer can drive up to 10nF without causing amplifier instability. For
RSO loads > 1 k
Ω, max load capacitance on this node is 500pF for stable operation. In the trim adjust and
feedback adjust modes, the RSO buffer can be configured with external resistors to boost the CSA
transconductance which increases the current share loop gain.
CSP MODE COMPARATOR
The LM5080 monitors CSP & CSM with the CSP mode comparator and applies a 500 mV input offset on the
RSO buffer amplifier if CSP-CSM is less than 10% of VCC (which indicates a remote sense application mode).
This offset allows the RSO output to swing within 10 mV of ground without saturating the TRO output which
drives the RSO buffer. In the trim adjust and feedback adjust modes, the CSP pin is left open. In this
configuration CSP is internally biased such that CSP - CSM = 0.2 x VCC resulting in the removal of the 500mV
RSO buffer offset.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5080


Similar Part No. - LM5080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
LM5080MM NSC-LM5080MM Datasheet
1Mb / 13P
   Modular Current Sharing Controller
LM5080MMX NSC-LM5080MMX Datasheet
1Mb / 13P
   Modular Current Sharing Controller
More results

Similar Description - LM5080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com