Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS1000BT-20M-GQ Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPS1000BT-20M-GQ
Description  Fixed frequency synthesizer (integrated TCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPS1000BT-20M-GQ Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPS1000BT-20M-GQ Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPS-BT series
l
Integrated TCXO
l
Small size 25*20*5.4mm
l
Low power supply +5V
l
Frequency range 50~7500MHz
MPS100BT-10M-HQ
100
2±1.5
-15
<-80
-125
+5/10
MPS290BT-20M-HT
290
2±1.5
-15
<-80
-118
+5/15
MPS760BT-10M-GQ
760
2±1.5
-15
<-80
-112
+5/15
MPS1000BT-20M-GQ
1000
2±1.5
-20
<-80
-110
+5/15
MPS2000BT-20M -LT
2000
2±1.5
-20
<-80
-103
+5/15
MPS2810BT-20M-HQT
2810
2±1.5
-25
<-80
-95
+5/20
MPS3330BT-20M -HQ
3330
2±1.5
-25
<-75
-95
+5/20
MPS3500BT-20M -HQ
3500
2±1.5
-25
<-75
-95
+5/20
MPS4100BT-20M -IQ
4100
0±1.5
-25
<-75
-92
+5/20
MPS4800BT-20M -HS
4800
0±1.5
-25
<-75
-90
+5/20
MPS5600BT-20M -HQ
5600
0±1.5
-25
<-70
-90
+5/20
MPS7200BT-20M -HQ
7200
0±1.5
-25
<-70
-85
+5/20
MPS150BT-20M-HQ
150
2±1.5
-15
<-80
-125
+5/10
+5/15
+5/15
+5/20
+5/20
+5/28
+5/28
+5/30
+5/30
+5/35
+5/35
+5/35
+5/35
+5/15
V/mA
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
Pin No.
Function
Pin No.
Function
1
Vpll
15
LD
9
Vvco
18
TTL*
10
RFout
GND
MPS3500BT-20M-HQ
09.39
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Features
@10kHz
MHz
dBm
dBc
dBc/Hz
2nd
dBc
Vpll/Ipll
Vvco/Ivco
V/mA
V/mA
Part number
Frequency
output
Phase noise
Power
output
Harmonic
output
Spurious
output
Package information
l
Outline Drawing
l
Pin functions
Others
Fixed frequency synthesizer (integrated TCXO)
Note: pin18 is a control port for dual fixed frequency output, please don't connect this port if
there is only one frequency output.
72


Similar Part No. - MPS1000BT-20M-GQ

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS1000 BOWEI-MPS1000 Datasheet
231Kb / 3P
   Fixecd PLL synthesizer
MPS1000A-20M BOWEI-MPS1000A-20M Datasheet
83Kb / 1P
   Fixed frequency synthesizer
MPS1000D-60M BOWEI-MPS1000D-60M Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
More results

Similar Description - MPS1000BT-20M-GQ

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS-185.5 BOWEI-MPS-185.5 Datasheet
118Kb / 1P
   Triple frequency output synthesizer (Integrated TCXO)
logo
Z-Communications, Inc
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2365A-LF ZCOMM-SFS2365A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS10000C-LF ZCOMM-SFS10000C-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1720A-LF ZCOMM-SFS1720A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS9370Z-LF ZCOMM-SFS9370Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1000C-LF ZCOMM-SFS1000C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPH1280-10 SYNERGY-FCPH1280-10 Datasheet
439Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
FCPH3210-10 SYNERGY-FCPH3210-10 Datasheet
340Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com