Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5141QRGERQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5141QRGERQ1
Description  Wide Input Range Synchronous Buck Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5141QRGERQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM5141QRGERQ1 Datasheet HTML 1Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 2Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 3Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 4Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 5Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 6Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 7Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 8Page - Texas Instruments LM5141QRGERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
LM5141-Q1
www.ti.com
SNVSAJ6A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LM5141-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins
(1,6,7,12,13,18,19, and
24)
±750
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN
Input voltage
VIN
3.8
65
V
SW to PGND
–0.3
65
V
HB to SW
–0.3
5
5.25
V
HO, HOL to SW
–0.3
HB + 0.3
V
LO, LOL to PGND
–0.3
5
5.25
V
FB, PG, OSC, SS, RES, DEMB,
VCCX
–0.3
5
V
EN to PGND
–0.3
65
V
VCC, VDD
–0.3
5
5.25
V
VOUT, CS
1.5
5
15
V
PGND to AGND
–0.3
0.3
V
Operating junction temperature(2)
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM5141-Q1
UNIT
RGE (QFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
34.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.8
°C/W
RθJB
Junction-to-board thermal resistance
12.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
12.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.9
°C/W


Similar Part No. - LM5141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5141QRGERQ1 TI-LM5141QRGERQ1 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
More results

Similar Description - LM5141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com