Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5175PWPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175PWPT
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175PWPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5175PWPT Datasheet HTML 4Page - Texas Instruments LM5175PWPT Datasheet HTML 5Page - Texas Instruments LM5175PWPT Datasheet HTML 6Page - Texas Instruments LM5175PWPT Datasheet HTML 7Page - Texas Instruments LM5175PWPT Datasheet HTML 8Page - Texas Instruments LM5175PWPT Datasheet HTML 9Page - Texas Instruments LM5175PWPT Datasheet HTML 10Page - Texas Instruments LM5175PWPT Datasheet HTML 11Page - Texas Instruments LM5175PWPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PGOOD
VPGD
PGOOD trip threshold for falling FB
Measured with respect to VREF
–9
%
PGOOD trip threshold for rising FB
Measured with respect to VREF
10
%
Hysteresis
1.6
%
ILEAK(PGD)
PGOOD leakage current
100
nA
ISINK(PGD)
PGOOD sink current
VPGOOD = 0.4 V
2
4.2
6.5
mA
OUTPUT OVP
VOVP
Output overvoltage threshold
At the FB pin
0.86
V
Hysteresis
21
mV
NMOS DRIVERS
IHDRV1,2
Driver peak source current
VBOOT - VSW = 7 V
1.8
A
Driver peak sink current
VBOOT - VSW = 7 V
2.2
ILDRV1,2
Driver peak source current
1.8
Driver peak sink current
2.2
RHDRV1,2
Driver pull up resistance
VBOOT - VSW = 7 V
1.9
Driver pull down resistance
VBOOT - VSW = 7 V
1.3
VUV(BOOT1,2)
BOOT1,2 to SW1,2 UVLO threshold
HDRV1,2 shut off
2.73
V
BOOT1,2 to SW1,2 UVLO hysteresis
HDRV1,2 start switching
280
mV
BOOT1,2 to SW1,2 threshold for refresh
pulse
4.45
V
RLDRV1,2
Driver pull up resistance
IDRV1,2 = 0.1 A
2
Driver pull down resistance
IDRV1,2 = 0.1 A
1.5
tDT1
Dead time HDRV1,2 off to LDRV1,2 on
55
ns
tDT2
Dead time LDRV1,2 off to HDRV1,2 on
55
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
165
°C
TSD(HYS)
Thermal shutdown hysteresis
15


Similar Part No. - LM5175PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175QPWPRQ1 TI1-LM5175QPWPRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175QPWPTQ1 TI1-LM5175QPWPTQ1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
More results

Similar Description - LM5175PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
[Old version datasheet]   LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
2Mb / 52P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com