Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5574-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574-Q1
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LM5574-Q1 Datasheet HTML 1Page - Texas Instruments LM5574-Q1 Datasheet HTML 2Page - Texas Instruments LM5574-Q1 Datasheet HTML 3Page - Texas Instruments LM5574-Q1 Datasheet HTML 4Page - Texas Instruments LM5574-Q1 Datasheet HTML 5Page - Texas Instruments LM5574-Q1 Datasheet HTML 6Page - Texas Instruments LM5574-Q1 Datasheet HTML 7Page - Texas Instruments LM5574-Q1 Datasheet HTML 8Page - Texas Instruments LM5574-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM5574-Q1
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 9
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 10
2
Applications ........................................................... 1
8
Application and Implementation ........................ 16
3
Description ............................................................. 1
8.1
Application Information............................................ 16
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 17
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 24
6
Specifications......................................................... 4
10
Layout................................................................... 24
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 24
6.2
Handling Ratings....................................................... 4
10.2
Layout Example .................................................... 25
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 27
6.4
Thermal Information .................................................. 5
11.1
Trademarks ........................................................... 27
6.5
Electrical Characteristics........................................... 5
11.2
Electrostatic Discharge Caution ............................ 27
6.6
Typical Characteristics .............................................. 7
11.3
Glossary ................................................................ 27
7
Detailed Description .............................................. 9
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 9
Information ........................................................... 27
7.2
Functional Block Diagram ......................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2013) to Revision C
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision A (April 2013) to Revision B
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 25
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5574-Q1


Similar Part No. - LM5574-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5574-Q1 TI-LM5574-Q1 Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574-Q1 TI-LM5574-Q1 Datasheet
915Kb / 29P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574-Q1 TI1-LM5574-Q1 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM5574-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com