Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM536035QPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM536035QPWPRQ1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536035QPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM536035QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 9Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 10Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 11Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 12Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 13Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 14Page - Texas Instruments LM536035QPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
VOUT
RESET
High = Power Good
Low = Fault
94%
93%
107%
106%
11
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 RESET Flag Output
The RESET function, built-in to the LM53603-Q1, has special features not found in the ordinary power-good
function. A glitch filter prevents false flag operation for short excursions in the output voltage, such as during line
and load transients. Furthermore, there is a delay between the point at which the output voltage is within
specified limits and the flag asserts "power-good". Since the RESET comparator and the regulation loop share
the same reference, the thresholds will track with the output voltage. This allows the LM53603-Q1 to be specified
with a 96.5% maximum threshold, while at the same time specifying a 95% threshold with respect to the actual
output voltage for that device. This allows tighter tolerance than is possible with an external supervisor device.
The net result is a more accurate power-good function while expanding the system allowance for transients, etc.
RESET operation can best be understood by reference to Figure 7 and Figure 8. The values for the various filter
and delay times can be found in the Timing Requirements table. Output voltage excursions lasting less than
TRESET-filter, will not trip RESET. Once the output voltage is within the prescribed limits, a delay of TRESET-act is
imposed before RESET goes high.
This output consists of an open drain NMOS; requiring an external pull-up resistor to a suitable logic supply. It
can also be pulled-up to either VCC or VOUT, through an appropriate resistor, as desired. If this function is not
needed, the pin should be left floating or grounded. When EN is pulled low, the flag output will also be forced
low. With EN low, RESET will remain valid as long as the input voltage is
≥ 1.5 V. The maximum current into this
pin should be limited to 1 mA, while the maximum voltage should be less than 8 V.
Figure 7. Static RESET Operation


Similar Part No. - LM536035QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53603 TI1-LM53603 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPR TI1-LM53603AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPT TI1-LM53603AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM536035QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com